PART |
Description |
Maker |
AD5000-9TO |
APD with 19.6 mm2 active area
|
Sensortechnics GmbH
|
AD500-9-TO52-S1 |
APD with 0.2 mm2 active area
|
List of Unclassifed Manufac...
|
AD1900-8TO |
APD with 3 mm2 active area
|
Sensortechnics GmbH
|
FD1500W |
Large Area InGaAs PIN Photodiodes diameter of active area=1.5 mm
|
List of Unclassifed Manufacturers
|
SD394-70-74-661 |
Cooled Large Area 10mm Blue Silicon APD Module
|
Advanced Photonix, Inc.
|
SD197-70-72-661 |
Cooled Large Area 5mm Red Enhanced Silicon APD Module
|
Advanced Photonix, Inc.
|
AD500-9-8015-TO52 |
0.500 mm active area
|
Sensortechnics GmbH
|
CLD171 |
Large Active Area Silicon Planar photodiode
|
Clairex Technologies, Inc
|
S3901-1024Q-15 |
Large active area type with 51.2 mm detection length
|
Hamamatsu Corporation
|
CRIMPFOX-LC-AI-25 |
Crimp insert, for ferrules, application area: 10 - 25 mm2, square crimp form
|
PHOENIX CONTACT
|
PS0.25-5 |
High Speed epitaxy Low Dark curren 0.25mm active area
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
C4258 C4258-03 |
Infrared power supply; fast response of 50ps; active area: 0.2mm x 0.2mm; picosecond photodetector
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|