PART |
Description |
Maker |
MM1501 MM1509 MM1506 MM1505 MM1510 MM1503 MM1502 M |
Video Switch ・ 75з driver ・ Y/C mix Video Switch ・ 75? driver ・ Y/C mix Video Switch 75 driver Y/C mix BJT (Bipolar Junction Transistor) Video Switch 路 75蟹 driver 路 Y/C mix Video Switch ・ 75 driver ・ Y/C mix Video Switch ・ 75?/a> driver ・ Y/C mix
|
MITSUMI[Mitsumi Electronics, Corp.] MITSUMI[MITSUMI ELECTRIC] http://
|
MAX11301 |
Programmable Sample Averaging Per ADC Port
|
Maxim Integrated Produc...
|
B3104UCLXX |
The Single Port Positive/Negative Battrax Series are programmable SIDACtor
|
Littelfuse
|
QL5030-4TQ144C QL5030-4TQ144I |
33MHz/32-bit PCI target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
QL5130-33APQ208C QL5130-33APQ208I QL5130-33APB256C |
33MHz/32-bit PCI target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
EXO-3 EXO-3-12.288M EXO-3-14.31818M EXO-3-14.7456M |
CRYSTAL OSCILLATOR FOR uPs WITH PROGRAMMBLE OUTPUT AC Motorized Impeller; Series:Diplomat 与晶体振荡器的可编程输出断电 Crystal oscillator for uPs with programmable output, 12.288MHz Crystal oscillator for uPs with programmable output, 14.31818MHz Crystal oscillator for uPs with programmable output, 14.7456MHz Crystal oscillator for uPs with programmable output, 14.9105MHz Crystal oscillator for uPs with programmable output, 15.9744MHz Crystal oscillator for uPs with programmable output, 16.128MHz Crystal oscillator for uPs with programmable output, 16.257MHz Crystal oscillator for uPs with programmable output, 16.384MHz Crystal oscillator for uPs with programmable output, 19.0909MHz Crystal oscillator for uPs with programmable output, 18.432MHz Crystal oscillator for uPs with programmable output, 17.73447MHz Crystal oscillator for uPs with programmable output, 19.6608MHz Crystal oscillator for uPs with programmable output, 21.47727MHz Crystal oscillator for uPs with programmable output, 22.1184MHz Crystal oscillator for uPs with programmable output, 24.576MHz
|
Wolfgang Knap Ges.m.b.H. . Co. KG Wolfgang Knap Ges.m.n.H. WK[Wolfgang Knap]
|
QL5064-33BPB456C QL5064-33APB456C QL5064-33APB484C |
66MHz/64-bit PCI master/target with embedded programmable logic and dual port SRAM.
|
QuickLogic
|
QL5632 QL5632_DS |
33 MHz/32-bit PCI Master/Target with Embedded Programmable Logic
and Dual Port SRAM From old datasheet system
|
quicklogic
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MP7643 |
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
|
Exar Corporation
|
MP7643AN MP7643AS |
4-Channel, Programmable Gain Voltage Output, 15 MHz Input Bandwidth 8-Bit DACs with Multiplying Parallel Digital Data Port
|
Exar Corporation
|
AA8600 |
VIDEO Y/C MIX
|
Agamem Microelectronic Inc.
|