PART |
Description |
Maker |
LT6350 LTC6652 LTC2369-18 |
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
|
Linear Technology
|
AD7866 AD7866ARUZ-REEL |
4-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20 Dual 1MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
|
ANALOG DEVICES INC
|
AD9003A |
12Bit,1MSPS,A/D Converter(121MSPS A/D转换
|
Analog Devices, Inc.
|
MAX1200 MAX1200ACMH MAX1200AEMH MAX1200BCMH MAX120 |
5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
LTC1196-1ACS8-PBF LTC1196-1ACS8-TRPBF LTC1196-1BCS |
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
|
Linear Technology
|
AD7450BM |
0.3-7V; 450mW; differential input, 1MSPS 12-bit ADC
|
Analog Devices
|
LTC2383HMS-16TRPBF |
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
|
Linear Technology
|
LTC2328HMS-16PBF |
16-Bit, 1Msps, ±10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
|
Linear Technology
|
LTC1196-15 |
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
|
Linear Technology
|
LTC2393-161 LTC2393CLX-16PBF |
16-Bit, 1Msps SAR ADC With 94dB SNR, LQFP, 48 Pins, Temperature Range: 0°C to 70°C
|
LINEAR TECHNOLOGY CORP
|
LTC2365IS6-TRMPBF LTC2365IS6-TRPBF LTC2366IS6-TRMP |
3Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C 3Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO8 1Msps, 12-Bit Serial ADCs in TSOT-23; Package: SOT; No of Pins: 8; Temperature Range: -40° to 125°C 1-CH 12-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO8 1Msps/3Msps, 12-Bit Serial Sampling ADCs in TSOT
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
|