PART |
Description |
Maker |
IRF520VL IRF520VS |
100V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
|
IRF[International Rectifier]
|
IRF9510S IRF9510STRL IRF9510STRR |
-100V Single P-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=-100V Rds(on)=1.2ohm Id=-4.0A) Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A) Power MOSFET(Vdss=-100V/ Rds(on)=1.2ohm/ Id=-4.0A)
|
IRF[International Rectifier]
|
IRF5NJ540 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*) SURFACE MOUNT (SMD-0.5)100V, N-CHANNEL 100V Single N-Channel Hi-Rel MOSFET in a SMD-0.5 package
|
IRF[International Rectifier]
|
IRF5NJ9540 IRF5NJB9540 |
-100V Single P-Channel Hi-Rel MOSFET in a SMD-0.5 package SURFACE MOUNT (SMD-0.5) 100V, P-CHANNEL POWER MOSFET P-CHANNEL(Vdss=-100V, Rds(on)=0.117ohm, Id=-18A)
|
International Rectifier
|
IRF3710 IRF3710PBF |
Power MOSFET(Vdss=100V, Rds(on)=23mohm, Id=57A) 功率MOSFET(减振钢板基本\u003d 100V的,的Rds(on)\u003d 23mohm,身份证\u003d 57A条) Power MOSFET(Vdss=100V Rds(on)=23mohm Id=57A) 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF5Y1310CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
|
IRF[International Rectifier]
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRFR5410 IRFU5410 IRFRU5410 IRFR5410TRL IRFR5410TR |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A) HEXFET? Power MOSFET
|
IRF[International Rectifier]
|
IRFU9120 IRFR9120 IRFR9120TRR IRFR9120TRL IRFR9120 |
-100V Single P-Channel HEXFET Power MOSFET in a I-Pak package -100V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-100V, Rds(on)=0.60ohm, Id=-5.6A)
|
IRF[International Rectifier]
|
BUZ22SMD BUZ22E3045A BUZ22E3046 |
Power MOSFET, 100V,D²PAK , RDSon=0.055 Ohm, 34A, NL Low Voltage MOSFETs - Power MOSFET, 100V,DPAK , RDSon=0.055 Ohm, 34A, NL N-Channel SIPMOS Power Transistor
|
Infineon
|
IRF9140 |
-100V,Thru-Hole Radiation Hardened Power MOSFET(-100V,???瀹?????灏????娌??MOSFET)
|
International Rectifier
|