PART |
Description |
Maker |
AD1838AASZ-REEL AD1838AAS-REEL EVAL-AD1838AEB |
2 ADC, 6 DAC, 96KHZ 24 BIT CODEC 2 ADC, 6 DAC 96 kHz, 24-Bit Sigma Delta Codec 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC
|
Analog Devices, Inc.
|
AK5720VT |
96kHz 24-Bit ?? ADC
|
Asahi Kasei Microsystem...
|
AD1871 AD1871YRS AD1871YRS-REEL AD1871YRSZ |
Stereo Audio, 24-bit, 96kHz, Multi-bit Sigma Delta ADC Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
|
AD[Analog Devices]
|
WM8773 |
24-bit, 96kHz ADC with 8 Channel I/P Multiplexer
|
WOLFSON[Wolfson Microelectronics plc]
|
WM877506 WM8775SEDS/R |
24-bit, 96kHz ADC with 4 Channel I/P Multiplexer
|
Wolfson Microelectronics plc
|
AD1871YRS-REEL AD1871YRSZ-REEL EVAL-AD1871EB EVAL- |
Stereo Audio, 24-Bit, 96 kHz, Multibit ADC Stereo Audio, 24-bit, 96kHz, Multi-bit Sigma Delta ADC Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AK452404 AK4524 |
24-bit 96kHz 110dB codec with IPGA, DATT, soft mute 24Bit 96kHz Audio CODEC
|
AKM Asahi Kasei Microsystems
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
AK5380 AK5380VT AKD5380 |
96kHz 24Bit ADC with Single - ended Input
|
AKM[Asahi Kasei Microsystems]
|
AD7827BR-REEL AD7827BR-REEL7 AD7827BRZ AD7827BN |
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8 14-Bit 48KSPS DAS with ADC, MUX, PGA and Internal Reference 28-SSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDIP8 3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
MAX1069 MAX1069ACUD MAX1069BCUD MAX1069CCUD MAX106 |
0.3-6V; 58.6ksps, 14-bit, 2-wire serial 8-bit serial ADC. For hand-held portable applications, medical instrumnets, battery-powered test equipment, solar-powered remote systems, received-signal-strength indicators, system supervision 58.6ksps 14-Bit 2-Wire Serial ADC " 58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP" 58.6ksps / 14-Bit / 2-Wire Serial ADC
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|