PART |
Description |
Maker |
L796BSRD L796BGD L796BID L796BSRB L796BSRC L796BSR |
The High Efficiency Red Source Color Devices T-3 SINGLE COLOR LED, HIGH EFFICIENCY RED, 8 mm
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|
MV6300.YR MV6000.YR MV6700 MV6400 MV6400.YR |
SINGLE COLOR LED, YELLOW, 1.78 mm SINGLE COLOR LED, STANDARD RED, 1.78 mm SINGLE COLOR LED, HIGH EFFICIENCY RED, 1.78 mm SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 1.78 mm
|
QT Optoelectronics
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
MV5360.A2A0 HLMP-1321.D5A2 HLMP-1521.D5A0 HLMP-132 |
T-1 SINGLE COLOR LED, YELLOW, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 3 mm T-1 SINGLE COLOR LED, RED, 3 mm
|
QT OPTOELECTRONICS
|
HLMP-3315.E3A1 HLMP-3315.E3A2 HLMP-3315.E3R0 HLMP- |
T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 5 mm T-1 3/4 SINGLE COLOR LED, GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, PURE GREEN, 5 mm T-1 3/4 SINGLE COLOR LED, YELLOW, 5 mm T-1 3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 4.825 mm T-1 3/4 SINGLE COLOR LED, RED, 5 mm
|
QT Optoelectronics
|
ADP1148-3.3 ADP1148-5 ADP1148AN-3.3 ADP1148AR-3.3 |
InputV: 0.3-20V; 50mA; high efficiency synchronous step-down switching regulator. For notebook and palmtop computers, portable instrumnets, battery operated digital devices 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C High Efficiency Synchronous Step-Down Switching Regulators(高效率同步步降开关稳压器)
|
Analog Devices, Inc.
|
MV5437 |
3 LEADS BICOLOR T-1 3/4 SOLID STATE LAMPS T-1 3/4 DUAL COLOR LED, HIGH EFFICIENCY GREEN/HIGH EFFICIENCY RED, 5 mm
|
QT[QT Optoelectronics]
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
21PCF130TW4-002 |
DUAL COLOR LED, HIGH EFFICIENCY RED/HIGH EFFICIENCY GREEN
|
LEDTRONICS INC
|
AM2520EC04 |
T-3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 1.9 mm
|
KINGBRIGHT CORP
|
W934ZH/ID |
T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm
|
Kingbright, Corp.
|
AM2520EC02 |
T-3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 1.9 mm
|
KINGBRIGHT CORP
|