PART |
Description |
Maker |
SP6645 SP6645EU SP6644 SP6644EU SP6644EU-L SP6644E |
From old datasheet system Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
|
SIPEX[Sipex Corporation]
|
HLMP-1600-OPTION-106 HLMP-1620-OPTION-S20 HLMP-160 |
T-1 SINGLE COLOR LED ARRAY, HIGH EFFICIENCY RED, 3 mm T-1 SINGLE COLOR LED, YELLOW, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm T-1 3/4 SINGLE COLOR LED, HIGH PERFORMANCE GREEN, 5 mm
|
Agilent Technologies, Inc. Saft Batteries
|
PC120TY3K-P PCL120CG5N-SO PCM120CG5N-SO PC120CG5N- |
T-1 SINGLE COLOR LED, YELLOW, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY GREEN, 3 mm T-1 SINGLE COLOR LED, ULTRA GREEN, 3 mm T-1 SINGLE COLOR LED, PURE GREEN, 3 mm T-1 SINGLE COLOR LED, BLUE, 3 mm T-1 SINGLE COLOR LED, ORANGE, 3 mm T-1 SINGLE COLOR LED, HIGH EFFICIENCY RED, 3 mm T-1 SINGLE COLOR LED, AMBER YELLOW, 3 mm
|
LEDtronics, Inc. LEDTRONICS INC
|
NCL30060BDR2G NCL30060-16 NCL30060B1DR2G |
High PF Offline Single Stage LED Driver
|
ON Semiconductor
|
RSBL-12 RSBL-9 RSBL-9-S RSB-12 RSB-12-S RSB-24 RSB |
Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 使用永磁,两极高灵敏度信号继电器RSB继电 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included From old datasheet system
|
Electronic Theatre Controls, Inc. ETC[ETC] N.A. List of Unclassifed Manufacturers http://
|
PK01PS-50-1M3 PK01PS-50-1MM3 PK01PS-50-2M3 PK01PS- |
250 V, 50/60 HZ, SINGLE PHASE EMI FILTER CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
|
Power Dynamics, Inc. PowerDynamics, Inc POWER DYNAMICS INC
|
A29040B-70 A29040BL-55 A29040BL-55UF A29040BL-90 A |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMIC Technology Corporation http://
|
BFS20R Q62702-F589 BFS20 Q62702-F350 |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% NPN硅射频晶体管 NPN SILICON RF TRANSISTOR
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LTC1929 LTC1702 LTC1703 LTC1628-SYNC LTC3730 LTC37 |
Single-Phase, High Efficiency DC
|
Linear Dimensions Semiconductor
|
ADR3410 |
The ADR3410 is a high performance single-stage InGaP HBT amplifier designed for use in wireless infrastructure systems as a highly ...
|
Anadigics Inc
|