PART |
Description |
Maker |
82596CA |
HIGH-PERFORMANCE 32-BIT LOCAL AREA NETWORK COPROCESSOR
|
Intel
|
A82596DX KU82596DX KU82596SX |
High-performance 32-bit local area network coprocessor
|
Intel
|
OXMPCI952-LQ-A OXMPCI952-VBAG OXMPCI952 OXMPCI952- |
Integrated High Performance Dual UARTs, 8-bit Local Bus/Parallel Port. 3.3v PCI/miniPCI interface.
|
Oxford Semiconductor
|
PAC470RGQ/R PAC560RGQ/R PAC500RGQ/T PAC470RGQ/T PA |
P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK P /主动高性能的GTL / ECL本地终端网络
|
California Micro Devices Corporation
|
LAN9118 LAN9118-MD LAN9118-MT |
HIGH PERFORMANCE SINGLE CHIP 10/100NON PCI ETHERNET CONTROLLER 1 CHANNEL(S), 100M bps, LOCAL AREA NETWORK CONTROLLER, PQFP100
|
SMSC, Corp. SMSC Corporation ETC[ETC]
|
AK5394A AK5394AVS AKD5394A |
24-bit 192K 123dB, Highest Performance ADC Super High Performance 192kHz 24-Bit ADC
|
AKM[Asahi Kasei Microsystems]
|
AD9750-EB AD9750AR AD9750ARU |
10-Bit, 125 MSPS High Performance TxDAC D/A Converter 10-Bit, 125 MSPS High Performance TxDAC D/A Converter 10位,125 MSPS的TxDAC系列高性能D / A转换 10-Bit/ 125 MSPS High Performance TxDAC D/A Converter
|
Analog Devices, Inc.
|
ADSP-21366 ADSP-21365 |
High-Performance 32-bit Floating-Point SHARC Processor for Home Theater High Performance 32-Bit Floating-Point SHARC Processor for Automotive Audio
|
Analog Devices
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
TMP47C415 TMP47C215 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
AT90SC19236R AT90SC19236RT |
Low-power, High performance 8-bit/16-bit secure microcontroller with 192K Byte ROM, 36K Byte EEPROM programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out High-performance, Low-power secureAVR?Enhanced RISC architecture. SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|