PART |
Description |
Maker |
FAD1532220 FAD1530024 FAD1530120 FAD1530220 FAD153 |
Dupline? Field- and Installationbus Receiver with Analog Current Output Dupline庐 Field- and Installationbus Receiver with Analog Current Output Dupline㈢ Field- and Installationbus Receiver with Analog Current Output DuplineField- and Installationbus Receiver with Analog Current Output Dupline㈢场和模拟Installationbus接收电流输出
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
BH1620FVC BH1620FVC-TR |
Analog Current Output Type Ambient Light Sensor IC
|
Rohm
|
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
HA1-2557883 HA2557_883 FN3638 HA1-2557_883 HA25578 |
Wideband Four Quadrant Analog Multiplier (Current Output) 宽带四象限模拟乘法器(电流输出) From old datasheet system Wideband Four Quadrant Analog Multiplier (Current Output)
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BCR402R |
LED Driver(Supplies stable bias current even at low battery voltage) Analog Silicon SSICs - output current: 20..60mA
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
STK672-010 |
Unipolar Fixed-Current Chopper(separate excitation)Type 1.7A Output Current Stepping Motor Driver with Built-in 4-Phase Distribution Controller
|
SANYO[Sanyo Semicon Device]
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
AQW224NA |
PhotoMOS relay, FR (radio frequency) type, [2-channel (form A) type] low on resistance. AC/DC type. Output rating: load voltage 400 V, load current 40 mA. surface-mount terminal, tube packing style.
|
Matsushita Electric Works(Nais)
|
C7247-01 C7247 |
DA-TYPE SOCKET ASSEMBLIES Switch Mode Power Supply; Output Power:80W; Mounting Type:PCB; Output Current:8A; Output Power Max:80W; Output Power Min:60MW; Output Voltage:5VDC; Series:LPT60; Supply Voltage:370VDC; Supply Voltage Max:264VAC RoHS Compliant: Yes
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
2SK366 E001531 |
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS) From old datasheet system FOR AUDIO AMPLIFIER, ANALOG-SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER/ ANALOG SWITCH/ CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
|
Toshiba Semiconductor
|