PART |
Description |
Maker |
3PF0 |
(3PF0 / 3PF8) RECTIFIE
|
Semtech Corporation
|
SPK1245-C-S-A01 |
SCHOTTKY BARRIER SOLAR RECTIFIE VOLTAGE 45 Volts CURRENT 12 Amperes
|
Rectron Semiconductor
|
CMF8.0A CMF9.0A CMF7.0A CMF8.5A CMF6.0A CMF7.5A CM |
UNI-DIRECTIONAL SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 200 WATTS, 5.0 THRU 170 VOLTS 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
GP02-17A |
High Voltage 1.0A Sintered Glass Passivated Rectifie
|
Olitech Electronics Co....
|
MUR2020RG |
ULTRAFAST RECTIFIER 20 AMPERES, 200 VOLTS 20 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC
|
ON Semiconductor
|
SK320011 SK3200-TP |
3 Amp Schottky Rectifier 200 Volts 3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AB
|
Micro Commercial Components Micro Commercial Compon...
|
SPD56151 SPD5615SMS SPD5617S |
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE 1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE
|
http:// Solid State Devices, Inc.
|
CMPD3003CTR CMPD3003ABK CMPD3003BK |
0.6 A, 200 V, 2 ELEMENT, SILICON, SIGNAL DIODE 0.6 A, 200 V, SILICON, SIGNAL DIODE
|
CENTRAL SEMICONDUCTOR CORP
|
APT2X31D20J_05 APT2X30D20J APT2X31D20J APT2X31D20J |
Fast Recovery Epitaxial Diode; Package: ISOTOP®; IO (A): 30; VR (V): 200; trr (nsec): 21; VF (V): 1.1; Qrr (nC): 150; 30 A, 200 V, SILICON, RECTIFIER DIODE ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
SZ5A6 SZ5A3 SZ5A6.2 SZ5A2.4 SZ5A5.6 SZ5A7.5 SZ5A5. |
500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 110 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 11 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 500mW and 800mW 2.4 - 200 VOLTS ZENER DIODES 190 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
|