PART |
Description |
Maker |
74LVX161284A |
Low Voltage IEEE 161284 Translating Transceiver
|
Fairchild
|
74AVC8T245BQ-Q100 74AVC8T245PW-Q100 |
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
|
NXP Semiconductors
|
74AVCH8T245BQ |
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
|
NXP Semiconductors N.V.
|
74AVC8T245BQ |
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
|
NXP Semiconductors N.V.
|
74AVC20T245DGG 74AVC20T245BX |
20-bit dual supply translating transceiver with configurable voltage translation; 3-state
|
NXP Semiconductors
|
74AVC16T245BX 74AVC16T245DGG 74AVC16T245DGV 74AVC1 |
16-bit dual supply translating transceiver with configurable voltage translation; 3-state
|
NXP Semiconductors
|
74AVCH20T245DGV |
20-bit dual supply translating transceiver with configurable voltage translation; 3-state
|
NXP Semiconductors
|
74LVX161284MEA 74LVX161284 74LVX161284MEAX 74LVX16 |
Low Voltage IEEE 161284 Translating Transceiver 13 LINE TRANSCEIVER, PDSO48
|
Fairchild Semiconductor, Corp.
|
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|