PART |
Description |
Maker |
LB1839 LB1839M |
Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver Low-voltage/Low-saturation双向恒压调控电动机驱动器 Monolithic Digital IC
|
Sanyo Electric Co., Ltd. SANYO[Sanyo Semicon Device]
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
CMV7106 CMV7106YR CMV7106YT CMV7106Y/R CMV7106Y |
CMV7106 LOW POWER, LOW VOLTAGE OP AMP WITH RRIO AND SHUTDOWN, SOT23-6 CMV7106低功耗,低电压运算放大器和RRIO和关机,采用SOT23 - 6 Operational Amplifier Low voltage OPAMP with RPIO
|
California Micro Device... California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
P0900SALRP P0900SBLRP P0900SCLRP P0720SBLRP P0720S |
Low voltage overshoot, Low on-state voltage, Low capacitance Baseband Protection (Voice-DS1)
|
Littelfuse
|
L88M00TSERIES L88M33T L88M00T L88M09T L88M0XT L88M |
Voltage Regulators: 5V low-saturation voltage regulator 3.3 to 12 V, 0.5 A Low Dropout Voltage Regulator 3.32 V.5低压降稳压器 3.3 to 12 V / 0.5 A Low Dropout Voltage Regulator Monolithic Linear IC Voltage Regulators: 12V low-saturation voltage regulator Voltage Regulators: 3.3V low-saturation voltage regulator
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
MCP1701T-3 MCP1701 MCP1701T-33021_CB MCP1701T-3302 |
2uA Low Dropoout Positive Voltage Refulator The MCP1701 is a CMOS low dropout positive voltage regulator with a maximum input voltage of 10V that can source up to 250mA with ...
|
MICROCHIP[Microchip Technology]
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|
675-100 677-25K 653-25K 676-25K 652-25K 654-25K 65 |
Precision, 5V Voltage Reference, Replaced MAX673 Dual, Ultra-Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer Analog IC 模拟IC Low-Power, Single/Dual-Voltage Window Detectors 低功耗、单/双电压窗检测器
|
Microchip Technology, Inc. EAO International
|
5962-9669202HTA 5962-9669203HTA 5962-9669201HXC 59 |
Low-Voltage, 2, SPST, CMOS Analog Switches Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN x8 Flash EEPROM x8闪存EEPROM Fault-Protected, Low-Voltage, Quad SPST Analog Switches x8闪存EEPROM Low-Voltage, 60O, 4:1 Analog Multiplexer in QFN x8闪存EEPROM
|
Brady, Corp.
|
TS9001ACX5 TS9001SCX5 TS9001 TS9001DCX5 TS9001KCX5 |
Analog IC: Low Drop Out Voltage Regulators 300mA CMOS Low Dropout Voltage Regulator with Enable
|
TSC[Taiwan Semiconductor Company, Ltd]
|
DN100 |
Extremely low collector-to-emitter saturation voltage Suitable for low voltage large current drivers
|
KODENSHI KOREA CORP.
|
VDD60SCTA VDD20LCTA VDD18LCTA VDD18LNTA VDD18MNTA |
Low voltage, Low power, 1% High detect accuracy CMOS Voltage Detector with Delay circuit
|
AnaSem Hong Kong Limited
|