PART |
Description |
Maker |
LT1469ACDF-2-PBF LT1469ACDF-2-TRPBF LT1469AIDF-2-P |
DUAL OP-AMP, 450 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 350 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 600 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp Dual 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp Dual 200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
AD85520001RR |
Worlds Most Accurate Dual-Channel Amplifier at 3 V-5 V
|
Analog Devices
|
LTC3850 LTC3850-1 LTC3850-2 LTC3880 LTC3880-1 LTC3 |
Dual, Fast, Accurate Step-Down DC/DC Controller
|
Linear Technology
|
CHL8326-00CRT CHL8328 IR3536MPBF IR3538MPBF |
Dual Loop, 5 1 multiphase VR12/AMD PWM controller for high efficiency, highly accurate VR solutions Dual Loop, 7 1 multiphase VR12/AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
CHL8325A-00CRT |
Dual Loop, 4 1 multiphase VR12/AMD PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
MAX6789TB MAX6789TBT MAX6788TA MAX6788TAT MAX67821 |
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
|
Maxim Integrated Products Maxim Integrated Produc...
|
1DI400MN-120 |
Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
|
B&K Precision, Corp.
|
MAX1932 MAX1932ETC MAXB1932ETC MAX1932ETCT |
Digitally Controlled / 0.5% Accurate / Safest APD Bias Supply Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, QCC12 "Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply" Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
IR3565B |
Dual Loop, 4 2 multiphase AMD SVI1 and SVI2 and Intel VR12 and VR12.5 PWM controller for high efficiency, highly accurate VR solutions
|
International Rectifier
|
EVAL-ADT7X20EBZ ADT7320 ADT7320UCPZ |
隆戮0.25隆?C Accurate, 16-Bit Digital SPI Temperature Sensor ±0.25°C Accurate, 16-Bit Digital SPI Temperature Sensor SPECIALTY ANALOG CIRCUIT, QCC16
|
Analog Devices ANALOG DEVICES INC
|