PART |
Description |
Maker |
NPT2019 |
Gallium Nitride 48V, 25W, DC-6 GHz HEMT
|
M/A-COM Technology Solutions, Inc.
|
NPT1010 NPT1010-15 |
Gallium Nitride 28V, 100W RF Power Transistor
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu... List of Unclassifed Man...
|
NPT1007 NPT1007-15 |
Gallium Nitride 28V, 200W RF Power Transistor
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu... List of Unclassifed Man...
|
NPT1015 NPT1015-15 |
Gallium Nitride 28V, 45W, DC-3.5 GHz HEMT
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solution... M/A-COM Technology Solu...
|
NPT2022 NPT2022-15 |
Gallium Nitride 48V, 100W, DC-2 GHz HEMT
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solu...
|
D1023UK D1023 |
METAL GATE RF SILICON FET Gold Metallised Multi-Purpose Silicon DMOS RF FET(60W-28V-175MHz,Single Ended)(镀金多用DMOS射频硅场效应60W-28V-500MHz,单端) 金镀金属多功能硅的DMOS射频场效应管0 28V 175MHz时,单端)(镀金多用的DMOS射频硅场效应管(60 28V的,500MHz的单端式))
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited Microsemi, Corp.
|
WP710A10YD5V |
The Yellow source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Yellow Light Emitting Diode.
|
Kingbright Corporation
|
DGS20-018AS |
Gallium Arsenide Schottky Rectifier 23 A, 180 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-263AB From old datasheet system
|
IXYS, Corp. IXYS[IXYS Corporation]
|
2SA671 2SA671C |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路 POWER TRANSISTORS(3.0A,50V,25W) 功率晶体管(3.0A的的50V5瓦) POWER TRANSISTORS(3.0A/50V/25W)
|
Mospec Semiconductor, Corp. MOSPEC[Mospec Semiconductor]
|
W4NRD0X-0000 W4NRD8C-U000 W4NXD8C-0000 W4NXD8C-L00 |
Diameter: 50.8mm; LCW substrates; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; ultra-low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; standatd mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; low mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; select mircopipe density; silicon carbide substrates. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 76.2mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; LCW type; 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition Diameter: 50.8mm; lsemi-insulating (prototype); 6H-silicon carbide. For high frequency power devices, high power devices, high temperature devices, optoelectronic devices, III-V nitride deposition
|
CREE POWER
|
DGSK40-025A |
Gallium Arsenide Schottky Rectifier 18 A, 250 V, GALLIUM ARSENIDE, RECTIFIER DIODE, TO-220AB
|
IXYS, Corp.
|
|