PART |
Description |
Maker |
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
LT1076 LT1076CK LT1076CQ LT1076CR LT1076CT LT1076C |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 8.5 A SWITCHING REGULATOR, 125 kHz SWITCHING FREQ-MAX, PZFM7 GT 19C 19#12 SKT PLUG 3.2 A SWITCHING REGULATOR, 125 kHz SWITCHING FREQ-MAX, PSSO7 Step-Down Switching Regulator From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
NCP1000 NCP1001P NCP1002P NCP1000P NCP1001 NCP1002 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PDIP8 (NCP1000 - NCP1002) Integrated Off-Line Switching Regulator
|
ONSEMI[ON Semiconductor]
|
NCP1252ADR2G |
Current Mode PWM Controller for Forward and Flyback applications SWITCHING CONTROLLER, 550 kHz SWITCHING FREQ-MAX, PDSO8
|
Rectron Semiconductor
|
NTE1868 NTE1867 |
Quadruple Operational Amplifier 14-SO 0 to 70 Integrated Circuit Hybrid Switching Voltage Regulator SWITCHING REGULATOR, 25 kHz SWITCHING FREQ-MAX, PSFM5
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
BD9738KN |
SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PQCC48 7-Channel Switching Regulator Controller for Digital Camera
|
ROHM[Rohm]
|
LT3972IDDPBF LT3972EDDPBF |
33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75µA Quiescent Current, DFN-10 6.2 A SWITCHING REGULATOR, 2700 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LT1424CN8-9PBF LT1424-9-15 |
Isolated Flyback Switching Regulator with 9V Output 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp.
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|
FSP550-80ETN |
550 Watts ATX12V V2.3 EPS12V V2.92 Switching Power Supply
|
Sparkle Power Inc.
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|