PART |
Description |
Maker |
UPA2520T1H-T2-AT |
10000 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
|
NTR1P02T3G |
Power MOSFET -20 V, -1 A, P-Channel SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 10000 1000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
SI4421DY-T1-E3 |
TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
SP4-2512/883 SP2-2512/883 SP4-2510-2 SP3-2512-2 SP |
OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 CERAMIC, LCC-20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, MBCY8 METAL CAN-8 OP-AMP, 8000 uV OFFSET-MAX, 12 MHz BAND WIDTH, CQCC20 OP-AMP, 10000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP8
|
Ecliptek, Corp.
|
SI4423DY SI4423DY-T1-E3 |
Trans MOSFET P-CH 20V 10A 8-Pin SOIC N T/R TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
BC847BDW1T3 |
General Purpose Transistor Dual NPN; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 10000 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
NAND1282R4A2AN6T |
8M X 16 FLASH 1.8V PROM, 10000 ns, PDSO48
|
NUMONYX
|
LM201N |
OP-AMP, 10000 uV OFFSET-MAX, PDIP8
|
|
CYNSE10128-133FGC CYNSE10512-100FGC CYNSE10512-133 |
Ayama 10000 Network Search Engine Ayama?/a> 10000 Network Search Engine
|
Cypress Semiconductor
|
KED103CY |
(KEDxxxx) NTC WIDERSTAND 10000 OHM
|
BTH
|
3549S-1AC-103B 3549H-1BD-103B |
PRECISION POT-7/8" 22MM DIA 10T WW RESISTOR, POTENTIOMETER, WIRE WOUND, 10 TURN(S), 2 W, 10000 ohm PRECISION POT-7/8" 22MM DIA 10T WW RESISTOR, POTENTIOMETER, HYBRID, 10 TURN(S), 2 W, 10000 ohm
|
Bourns, Inc.
|
|