PART |
Description |
Maker |
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
50-84-2122 50-84-2020 50-84-2061 50-84-2091 |
MLX CAP 12CKT WHITE 94V0 4202212C 12 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLG/RCP,2 Contacts,PIN/SKT,0.25 Pitch,CRIMP Terminal,POLARIZED LCK RoHS Compliant: Yes 2 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:6; Pitch Spacing:0.25"; No. of Rows:1; Gender:Female; Series:MLX; Body Material:Nylon 6/6 6 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE 9 CONTACT(S), MALE AND FEMALE, POWER CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc. MOLEX INC
|
51006-0200 |
Multipole Connector; Gender:Male; No. of Contacts:2; Series:51006; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 2 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
44472-2453 44472-2252 44472-0253 44472-1253 44472- |
PCB Connector; No. of Contacts:24; No. of Rows:2 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 22CKT MINIFIT VER S/R & D/R HCS HDR ASSY 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-2 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini-Fit HCS Hdr Assy 22Ckt Tin V-0 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-0 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 444721052 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
90130-3326 90130-3238 90130-3138 90130-3350 90130- |
C-Grid Shrd Hdr DR RA Au-F 26/26 26 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-E 38/38 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Tn-A 38/38 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-F 50/50 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.100 Pitch,R ANGLE PC TAIL Terminal,LOCKING MECH 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HDR 10 P RT ANG DUAL SHRD 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER C-Grid Shrd Hdr DR RA Au-F 18/18 18 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:16; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid III; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 16 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
97-3250-90 |
; No. of Contacts:50; Contact Termination:IDC; Gender:Male; Contact Plating:Gold RoHS Compliant: Yes 50 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, IDC, PLUG
|
Cinch Connectors
|
15-91-3214 15-91-3073 15-91-2065 15-91-2255 15-91- |
SL SMT RA Hdr Tin 21Ckt 21 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 7Ckt 7 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.100 Pitch,SURFACE MOUNT Terminal 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 25Ckt 25 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/Pegs 30Au 8Ckt 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 9Ckt 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 3Ckt 3 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30 SAu 6Ckt 6 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr /Pgs Tin 20Ckt 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr Tin 10Ckt 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Multipole Connector; Number of Contacts:5; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr W/PCB Pegs Tin 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL SMT RA Hdr PCB Pgs 30 SAu 14Ckt 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 30Au 5Ckt T&R 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT RA Hdr 15 SAu 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SL RA SMT Hdr TPg 30 SAu 15Ckt SL SMT RA Hdr 15 SAu 18Ckt HDR SMD 6 PIN WIRE TO BOARD SHROUDED SL SMT RA Hdr Tin 5Ckt Multipole Connector; Number of Contacts:3; Pitch Spacing:2.54mm; Gender:Header; Body Material:Polyester, Glass-filled; Contact Plating:Gold
|
Molex, Inc. PRECI-DIP SA MOLEX INC
|
HDRIGHTANGLE 781-M15-113R141 781-M15-113R001 781-M |
MALE-HIGH DENSITY MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
|
List of Unclassifed Manufacturers
|
|