PART |
Description |
Maker |
26-48-9106 26-50-3063 41671-0035 41671-0034 26-48- |
KK 156 Hdr Assy FrLk Bkwy 10 ckt 30 Au 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 06 ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 13X1 M STR AU 1W .156LS .45H 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 12 ckt 30 SAu 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.156 Pitch,PC TAIL Terminal,LATCH 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 02 ckt 20 Au 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 22 ckt Tin 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 22 ckt 20 Au 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 19 ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Hdr Assy FrLk Bkwy 06 ckt 15 SAu 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 05 ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 156 Header Assy FrLk Bkwy 24 ckt Tin 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Multipole Connector; No. of Contacts:2; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Color:Black; Connecting Termination:Thru-Hole; Leaded Process Compatible:Yes RoHS Compliant: Yes Breakaway Header; No. of Contacts:9; Pitch Spacing:3.96mm; No. of Rows:1; Gender:Header; Series:41671; Body Material:Polyester, Glass-filled; Current Rating:7A; Voltage Rating:250V
|
Molex, Inc. MOLEX INC
|
M80-5000000M2-05-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, no signal contacts, 5 x 3.5mm PC Tail Power contacts 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
22-11-2172 22-04-5109 22-04-5129 22-04-5198 22-04- |
Header, Vertical Friction Lock; Number of Contacts:17; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 12 Ckt Tin 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 19 Ckt Tin 19 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Tin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 05 Ckt Gold 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 24CKT STRGHT PIN 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 23 Ckt Gold 23 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 15 Ckt Tin 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 11 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Tin 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:21; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Tin 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 03 Ckt Tin 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt 20 AU 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.100 Pitch,PC TAIL Terminal,POLARIZED LCK 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 13 Ckt Tin 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 10 Ckt Gold 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 08 Ckt Tin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; No. of Contacts:2; Pitch Spacing:2.54mm; No. of Rows:1; Series:6373; Body Material:PA Polyamide (Nylon) 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 26 Ckt Tin 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 04 Ckt Tin 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header, Vertical Friction Lock; Number of Contacts:15; Pitch Spacing:2.54mm; Number of Rows:1; Series:6373; Body Material:Nylon; Contact Plating:Gold 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 02 Ckt Tin 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 22 Ckt Gold 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr FrLk Vert 16 Ckt Tin Multipole Connector; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Header; Series:6373; Body Material:PA Polyamide (Nylon) 6/6; Color:White; Connecting Termination:Thru-Hole; Contact Plating:Tin
|
Molex, Inc. MOLEX INC
|
90325-9016 90325-9014 90325-9010 90325-7012 90325- |
Header; Number of Contacts:16; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:14; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; Number of Contacts:10; Number of Rows:2; Series:90325; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 12PS 1.27MM GOLD T/H 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 1.27mm PF Hdr LoPro Polz Blk .76Au 18Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 6POS 1.27MM GOLD T/H 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
M80-5T11022M3-03-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 3mm PC Tail signal contacts, 3 x 3.5mm PC Tail Power contacts 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
87369-0300 89400-0520 87369-1300 87369-0900 89400- |
Header Connector,Cable Mnt,PLUG,3 Contacts,0.079 Pitch RoHS Compliant: Yes 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header; No. of Contacts:5; Pitch Spacing:2mm; No. of Rows:5; Series:89400; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 873690900 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2MM W/B STR HDR 894000920 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM W/B STR HDR 894001520 15 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2mm WtB Rcpt Hsg Nyl Nat 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE 2.00MM HDER W/B STRAIGHT 894000611 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
87831-1421 87831-1621 87831-3820 87831-5019 87831- |
878311421 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt Slot/Stdf.76AuLF 16Ckt 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Slot/Stdf.38AuLF 38Ckt 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Stdf GF LF 50Ckt 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER MGrid Hdr Shrd Vt/Slot/Stdf.38AuLF 36Ckt 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,34 Contacts,PIN,0.079 Pitch,PC TAIL Terminal,LOCKING MECH
|
Molex, Inc. MOLEX INC
|
74099-2013 74099-1013 74099-1003 74099-1009 74099- |
SL SMT VT Shrd Hdr 30 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 15 SAu 13Ckt 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:3; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Surface Mount RoHS Compliant: Yes 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .100 VERT 9POS SMD 9 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT SL SMT VT Shrd Hdr 30 SAu 5Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc.
|
22-66-3189 22-66-3249 22-10-7218 22-66-3160 22-66- |
MS (MIL-C-5015) SERIES 97 3106B SPLIT SHELL STRAIGHT PLUGS, STRAIGHT BODY STYLE, SOLDER TERMINATION, 22 SHELL SIZE, 22-18 INSERT ARRANGEMENT, PLUG GENDER, 8 CONTACTS KK 100 Hdr Flat Vert 24 Ckt Gold 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 21 Ckt Gold 21 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 16 Ckt Gold 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 20 Ckt Tin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 28 Ckt Gold 28 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 25 Ckt Tin 25 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 26 Ckt Gold 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 10 Ckt Tin 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Gold 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 27 Ckt Gold 27 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 06 Ckt Gold 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK 100 Hdr Flat Vert 17 Ckt Tin 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 22662030 KK 100 Hdr Flat Vert 20 Ckt Gold KK 100 Hdr Flat Vert 22 Ckt Gold
|
Amphenol, Corp. Molex, Inc. MOLEX INC
|
|