PART |
Description |
Maker |
SMCJ6036 SMCJ6036A SMCJ6037 SMCJ6037A SMCJ6038 SMC |
CMOS Triple 3-Input NAND Gate 14-PDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB CMOS Dual 4-Input OR Gate 14-TSSOP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB CMOS Triple 3-Input NAND Gate 14-CDIP -55 to 125 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB 5.5 thru 185 Volts 1500 Watts Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-215AB From old datasheet system
|
MICROSEMI CORP-SCOTTSDALE Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
SMCJ18A-TP SMCJ78CA-TP SMCJ48CA-TP SMCJ58CA-TP SMC |
TVS 1500W 18V UNIDIRECT SMC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 78V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 48V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 58V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 9.0V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 16V BIDIRECT SMC 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 26V UNIDIRECT SMC 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AB TVS 1500W 7.0V UNIDIRECT SMC TVS 1500W 130V UNIDIRECT SMC
|
Micro Commercial Components, Corp.
|
1.5KE160A 1.5KE75 1.5KE180 1.5KE33A 1.5KE8.2 1.5KE |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Diotec Semiconductor AG http:// DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
SMCJ18CA-13 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
DIODES INC
|
1C6148A |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
SENSITRON SEMICONDUCTOR
|
MC1.5K51C MC1.5K16C MC1.5K36C MC1.5K100C MC1.5K20C |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
GENERAL SEMICONDUCTOR INC
|
1N6067TR |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
MICROSEMI CORP-LAWRENCE
|
1.5KE18A-A 1.5KE11C-A 1.5KE15C-A |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
DIODES INC
|
3PMT170 3PMT48 3PMT90 3PMT58C MT28 3PMT70 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
MICROSEMI CORP-SCOTTSDALE
|
1.5KE22C 1.5KE75C 1.5KE16CA 1.5KE62CA 1.5KE6.8C 1. |
Ppk=1500W, Vc=574V transient voltage suppressor 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 Watt Transient Voltage Suppressors 6.8 to 400 Volts 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Dual-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation and 3-State Outputs 8-SM8 -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 18-Bit Universal Bus Driver With 3-State Outputs 56-TVSOP -40 to 85 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE Ppk=1500W, Vc=258V transient voltage suppressor
|
Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
1.5KE11A-T3 1.5KE13C-T3 1.5KE200-T3 1.5KE16-T3 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-201AE
|
SENSITRON SEMICONDUCTOR
|
|