PART |
Description |
Maker |
FT232R10 FT232R FT232RL-2000 FT232RQ-6000 |
USB UART IC - Single chip USB to asynchronous serial data transfer interface
|
Future Technology Devices International Ltd.
|
FT232BQ |
USB UART ( USB - Serial) I.C.
|
Future Technology Devices I...
|
DS9490R DS9490B DS9490R11 |
USB to 1-Wire/iButton Adapters High-Speed 12Mbps Universal Serial Bus (USB) Interface
|
Maxim Integrated Products
|
PDIUSBD PDIUSBD11 PDIUSBD11D PDIUSBD11N |
USB device with serial interface
|
PHILIPS[Philips Semiconductors]
|
SC68C752BIB48 SC68C752BIBS SC68C752BIB48128 SC68C7 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface; Package: SOT617-1 (HVQFN32); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface; Package: SOT313-2 (LQFP48); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48
|
NXP Semiconductors N.V.
|
SC16C850L SC16C850LIBS SC16C850LIET157 SC16C850LIB |
1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT912-1 (TFBGA36); Container: Reel Pack, SMD, 7" 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 1.8 V single UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode parallel bus interface; Package: SOT912-1 (TFBGA36); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PBGA36
|
NXP Semiconductors N.V.
|
WT62P1 WT62P1-K42 WT62P1-N28 WT62P1-N40 WT62P1-N42 |
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
|
Weltrend Semiconductor
|
STEVAL-PCC009V1 |
Universal USB to serial communication interface demonstration board based on the STM32
|
STMicroelectronics
|
NCN9252 |
DP3T Data Switch, USB 2.0 High Speed (480 Mbps), USB/UART/Data Multiplexing
|
ON Semiconductor
|
AAT4650 AAT4650IAS-B1 AAT4650IAS-T1 AAT4650IHS-B1 |
Combo Serial / USB interface board with cutter control for FTP-629. 639 5V/3V PC Card Power Switch
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
ST16C450IJ44-F ST16C450CQ48 16C450 |
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) 1 CHANNEL(S), 1.5M bps, SERIAL COMM CONTROLLER, PQFP48 UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) 通用异步接收/发送器(UART
|
Exar, Corp. Exar Corporation
|
WM0834 WM0838 WM0834CN WM0834LCN WM0838CDW WM0834C |
ARRAY NPN TRANS/ZENER DIO SOT363 8-BIT QUAD INPUT ADC WITH SERIAL INTERFACE 8-BIT OCTAL INPUT ADC WITH SERIAL INTERFACE From old datasheet system 8-Bit ADCs with Serial Interface and Configurable Input Multiplexer TVS UNIDIRECT 1500W 30V SMC
|
WOLFSON[Wolfson Microelectronics plc]
|