PART |
Description |
Maker |
CMLD6263 |
SMD Schottky Diode Dual: High Voltage: Same Polarity SURFACE MOUNT PICOmini DUAL, ISOLATED HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
MAX44285HAWA MAX44285TAUA MAX44285TAUAT |
Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
|
MAXIM - Dallas Semiconductor
|
MSK186HS MSK186HD MSK186HU MSK186ES MSK186ED MSK18 |
DUAL HIGH VOLTAGE/ VERY HIGH CURRENT OPERATIONAL AMPLIFIER
|
MSK[M.S. Kennedy Corporation]
|
AT27BV256-90TI AT27BV256 AT27BV256-12JC AT27BV256- |
High Speed CMOS Logic Dual 4-Stage Binary Counters 14-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic Dual 4-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input NOR Gates 14-PDIP -55 to 125 256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
IDT70V05L15GI IDT70V05L20GI IDT70V05L35GI IDT70V05 |
8K x 8 3.3v Dual-Port RAM Part Sensing Light Screen; Light Curtain Type:Parts Sensing; Control Output Type:NPN & PNP; Protection Height:67mm; Sensing Range Max:2m; Supply Voltage Max:30VDC; Sensing Range Min:150mm; Supply Voltage:30VDC High Speed JFET-Input Quad Operational Amplifier 14-CDIP -55 to 125 Dual OpAmp With Internal Reference 8-SOIC -40 to 105 20V N & P-Channel PowerTrench MOSFETs HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM 8K X 8 DUAL-PORT SRAM, 55 ns, PQFP64
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
IXSH45N120B IXSH45B120B IXST45B120B |
High Voltage IGBT S Series - Improved SCSOA Capability IGBT Discretes: Low Saturation Voltage Types High Voltage IGBT(VCES200V,VCE(sat).0V的高电压绝缘栅双极晶体管) 75 A, 1200 V, N-CHANNEL IGBT, TO-247AD 1200V high voltage IGBT
|
IXYS Corporation IXYS, Corp.
|
OM5262SA OM5262SW |
HERMETIC JEDEC TO-254AA HIGH EFFICIENCY, CENTER-TAP HIGH VOLTAGE RECTIFIER SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits
|
List of Unclassifed Manufacturers
|
MAX1745 MAX1745AUB MAX1745EUB MAX1744 MAX1744EUB M |
High-Voltage, Step-Down DC-DC Controller in uMAX High-Voltage, Step-Down DC-DC Controller in レMAX High-Voltage, Step-Down DC-DC Controller in ??AX High-Voltage Step-Down DC-DC Controller in MAX Replaced by TMS320C6410 : Digital Signal Processor 40-PDIP 0 to 70 High-Voltage, Step-Down DC-DC Controller in MAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in µMAX SWITCHING CONTROLLER, 330 kHz SWITCHING FREQ-MAX, PDSO10 High-Voltage, Step-Down DC-DC Controller in MAX 高压、降压型DC-DC控制器,µMAX封装
|
MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
2SC4634LS |
NPN Triple Diffused Planar Silicon Transistor 1500V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1500V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4633LS |
NPN Triple Diffused Planar Silicon Transistor 1200V / 30mA High-Voltage Amplifier, High-Voltage Switching Applications 1200V/30mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|