PART |
Description |
Maker |
2-87879-0 2-87879-5 2-87879-9 2-87879-7 2-87879-1 |
CONNECTOR ASSEMBLY, MOD IV, SINGLE ROW .100CL, DUAL ENTRY
|
Tyco Electronics
|
1-103080-0 1-103080-1 1-103080-2 1-103080-4 1-1030 |
ASSEMBLY, MOD II, SINGLE ROW, .100 C/L, (4) SIDED SHROUD
|
Tyco Electronics
|
2-103361-2 1-103361-2 1-103361-4 1-103361-8 6-1033 |
HEADER ASSEMBLY, MOD II, SINGLE ROW .100 CL, RIGHT ANGLE HEADER ASSEMBLY, MOD II, SINGLE ROW .100 CL, RIGHT ANGLE -
|
Tyco Electronics
|
73780-1245 73780-1256 73780-0223 73780-0264 |
HDM DC Stkg Mod ST3.0 15MM Hgt 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM Daughtercard Stkg Mod ST3.5 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM DC Stkg Mod 72 Ckt 13mm Hgt ST 72 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM DC Stkg Mod ST4.0 30 SAu 72 Ckt
|
Molex, Inc. MOLEX INC
|
146464 146464-1 146464-2 146464-3 146464-4 146464- |
HEADER ASSEMBLY, MOD II, STACKING, SINGLE ROW, 025 SQ POST, UNSHROUDED
|
Tyco Electronics
|
2-104355-0 |
HEADER ASSEMBLY, MOD II, BREAKAWAY, RIGHT ANGLE, DOUBLE ROW, .100X.100
|
Tyco Electronics
|
2-104437-0 |
HEADER ASSEMBLY, MOD II, BREAKAWAY, RIGHT ANGLE, DOUBLE ROW, .100X.100
|
Tyco Electronics
|
70ADJ-2-ML0 70ADJ-2-ML0G 70ADJ-2-ML1 70ADJ-2-ML1G |
70AD/Male - Modular Contact CONN MOD 5POS MALE SMD PCB CONNECTOR MODULAR CONTACT - SMD MALE PCB CONNECTOR CONN MOD 3POS MALE SMD PCB CONNECTOR CONN MODULAR 4POS MALE
|
Bourns Electronic Solutions Bourns, Inc. BOURNS INC
|
73780-1163 73780-1127 73780-1145 73780-1123 |
2MM HDM DC Stacking Mod 30Au ST 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM Daughtercard Stkg Mod ST2.0 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE HDM Daughtercard Stkg Mod ST3.0 144Ckt 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2MM HDM FS ST2.0 30Au DX 144 13 144 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
TE Connectivity, Ltd. Molex, Inc.
|
73651-1333 73651-0135 |
HDM DGHTRCRD PWR MOD ASSY 736511333 33 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, PRESS FIT 35 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
2948-12-0 2484-0 2948-24-0 3014-24-0 3014-12-2 427 |
Connector Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:12"; Color:Black; Contact Material:Brass; Current Rating:15A RoHS Compliant: Yes INTERCONNECTION DEVICE Retractile Cable Assembly; Connector Type A:Stackable Banana Plug; Connector Type B:Stackable Banana Plug; Cable Length:4ft RoHS Compliant: Yes INTERCONNECTION DEVICE Connector assemblies, Test; Connector Type A:Banana Plug; Connector Type B:Banana; Cable Length:36"; Color:Black; Contact Material:Copper; Operating Temp. Max:55 C; Wire Size (AWG):12
|
Pomona Electronics
|
NX60TA-25SAA3-SP NX60TA-32SAA3-SP NX60TB-15SAA3-SP |
Simple Assembly Type PC Card Frame Kits 122 x 32 pixel format, Compact LCD size 122 x 32 pixel format, LED or EL Backlight available Connector assemblies, Keyboard Computer cables; RoHS Compliant: Yes Keyboard Molded Cable Assembly; Connector Type A:ModConnector Type B:Modular Plug; Cable Length:1.25ft; Process Compatible:Yes; Color:Black; Contact Material:Tinned Copper; No. Strands x Strand Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:17; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight TP-TX/FX-MM1300-ST MODULE2 KM 10/100 MBPS Simple Assembly Type PC Card Frame Kits 简单的装配式框架套件PC
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
|