PART |
Description |
Maker |
1N4575 1N4766A 1N4767 1N4768A 1N4576 1N4767A 1N457 |
Low-level temperature-compensated zener reference diode. Max voltage 0.048 V. Low-level temperature-compensated zener reference diode. Max voltage 0.070 V. Low-level temperature-compensated zener reference diode. Max voltage 0.014 V. Low-level temperature-compensated zener reference diode. Max voltage 0.024 V. Low-level temperature-compensated zener reference diode. Max voltage 0.028 V. Low-level temperature-compensated zener reference diode. Max voltage 0.099 V. Low-level temperature-compensated zener reference diode. Max voltage 0.002 V. Low-level temperature-compensated zener reference diode. Max voltage 0.005 V. Low-level temperature-compensated zener reference diode. Max voltage 0.003 V.
|
Motorola
|
1N4931 1N4924 1N4925A 1N4932A 1N4916 1N4916A 1N491 |
19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 19.2 V, SILICON, VOLTAGE REFERENCE DIODE, DO-35 0TC Reference Voltage Zener
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
MAX6129AEUK21-T |
Ultra-Low-Power Series Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO5
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX6133 MAX6133AASA41T MAX6133AASA41-T MAX6133BASA |
3ppm/°C, Low-Power, Low-Dropout Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 3ppm/°C, Low-Power, Low-Dropout Voltage Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 " 3ppm/??C, Low-Power, Low-Dropout Voltage Reference"
|
Maxim Integrated Products, Inc.
|
ADR292ERZ ADR292ERZ-REEL ADR291ERZ-REEL7 ADR291GRU |
Low Noise Micropower Precision Voltage Reference (4.096 V); Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Low Noise Micropower 2.5 V and 4.096 V Precision Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
ZRT025GC1TA |
2.5V LOW POWERPRECISION REFERENCE SOURCE 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO4
|
Zetex Semiconductor PLC
|
ZRT062_03 ZRT062 ZRT062GA1 ZRT062GC1 ZRT062GC2 ZRT |
6.2V LOW POWER PRECISION REFERENCE SOURCE Trimmable Voltage Reference
|
ZETEX[Zetex Semiconductors]
|
1N4580A-1 1N4570 1N4570A 1N4570A-1 1N4571 1N4565 1 |
6.4 V, SILICON, VOLTAGE REFERENCE DIODE, DO-35 6.4 VOLT NOMINAL ZENER VOLTAGE 5% 6.4伏的额定电压稳压5 0TC Reference Voltage Zener Temperature Compensated Zener Reference Diodes(温度补偿齐纳基准二极
|
Compensated Devices Incorporated Microsemi, Corp. CDI-DIODE[Compensated Deuices Incorporated] Compensated Deuices Incorpo... Compensated Deuices Inc...
|
LT1236 LT1236-10 LT1236-5 LT1236AC LT1236ACN8-10 L |
Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDIP8 Precision Reference 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDIP8 Circular Connector; No. of Contacts:55; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:22-55 RoHS Compliant: No
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
NJU7021 NJU7021D NJU7021M NJU7021V NJU7022 NJU7022 |
OP-AMP, 10000 uV OFFSET-MAX, 0.4 MHz BAND WIDTH, PDSO8 4.096-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-SOT-23 -40 to 85 3-V Precision Micropower Shunt Voltage Reference, 0.2% accuracy 3-TO-92 -40 to 85 LOW VOLTAGE C-MOS OPERATIONAL AMPLIFIER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|