PART |
Description |
Maker |
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFZ48NS IRFZ48NL IRFZ48NSTRR IRFZ48NLPBF |
55V Single N-Channel HEXFET Power MOSFET in a TO-262 package (IRFZ48NL / IRFZ48NS) Advanced Process Technology 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
IRF[International Rectifier]
|
IRL3705Z IRL3705ZL IRL3705ZS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|
IRLU9343-701 IRLR9343 IRLU9343 |
-55V Single P-Channel HEXFET Power MOSFET in a D-Pak package -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package DIGITAL AUDIO MOSFET DIODE MED-FAST BAS116 80VR 250MA 1.25VF@150MA 1.5US TO-236AB -55 150C 数字音频MOSFET
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
AM29F040-120/BUA AM29F040-120/BXA AM29F040-150DEB |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3315S with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3315S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR8721PBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ34E with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU120Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR48Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL3803L with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ24NS with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
AUIRF3805L-7P AUIRF3805S-7P |
Automotive Q101 55V Single N-Channel HEXFET Power MOSFET in a TO-263CA 7p Package Automotive Q101 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak 7p Package
|
International Rectifier
|
IRFZ46NL IRFZ46NS IRFZ46NSTRR IRFZ46NSTRL |
HEXFET POWER MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
IRF[International Rectifier]
|