PART |
Description |
Maker |
PMA0207 |
Metal Film Resistors, Precision, High Stability 金属膜电阻器,高精度,高稳定 Metal Film Resistors, Precision, High Stability, Special stabilized metal alloy on high quality ceramic, Suitable for precision measuring techniques and precision control engineering
|
VISAY[Vishay Siliconix]
|
MAX4237 MAX4237A MAX4237EUT-T MAX4237BESA MAX4237A |
SOT23, Very High Precision, 3V/5V Rail-to-Rail Op Amps OP-AMP, 340 uV OFFSET-MAX, 7.5 MHz BAND WIDTH, PDSO8 "SOT23, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" "8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (>5 Gain Stable)" SOT23 Very High Precision 3V/5V Rail-to-Rail Op Amps "?8-pin μMAX, Very High Precision, 3V/5V, Rail-to-Rail Op Amp (Unity Gain Stable)" SOT23 / Very High Precision / 3V/5V Rail-to-Rail Op Amps
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LT1057 LT1057AC LT1057ACH LT1057ACJ LT1057ACJ8 LT1 |
Dual and Quad/ JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps DUAL OP-AMP, 1400 uV OFFSET-MAX, 5 MHz BAND WIDTH, CDIP8 1-of-8 Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers 16-SO 0 to 70 Dual and Quad, JFET Input Precision, High Speed Op Amps Dual and Quad JFET Input Precision High Speed Op Amps From old datasheet system Dual Precision, High Speed, JFET Input Op Amp(精密,高速,结型场效应管输入双路运算放大 Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
Linear Technology Corporation LINER[Linear Technology] Black Box, Corp.
|
AD637 AD637JD |
500V; 108mW; high precision, wideband true RMS-to-DC converter High Precision,wide-RMS-to-DC Converter Complete High Accuracy Monolithic RMS-to-DC Converter.
|
Analog Devices
|
ISL60007BIB825 ISL60007CIB825 ISL60007CIB812 ISL60 |
GT 14C 14#16 SKT RECP BOX Precision 1.25V and 2.50V, 1.08?-Watt, High Precision FGA Voltage References Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
|
Intersil Corporation
|
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
DS2761 DS2761BX-025 DS2761AE DS2761AE-025 DS2761AX |
?High Precision Li-Ion Battery Monitor and Protector From old datasheet system High-Precision Li Battery Monitor
|
MAXIM - Dallas Semiconductor DALLAS[Dallas Semiconductor]
|
ZXCT1086QE5TA ZXCT1082Q ZXCT1082QE5TA |
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
|
Diodes
|
TSIC-506 |
High Resolution, High Precision, Rapid Response Temperature Sensor IC
|
Zentrum Mikroelektronik Dresden AG
|
HPC0603A100GXXT1 HPC0603A100GXYT5 HPC0603A100GXZT5 |
High Performance, High Precision Surface Mount 0603 Capacitor 高性能,高精度表面贴装0603电容
|
Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|