PART |
Description |
Maker |
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
74ABT08N 74ABT08 74ABT08PWDH 74ABT08D 74ABT08DB 74 |
Quad 2-input AND gate - Description: Quad 2-Input AND Gate ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -15/ 20 mA ; Propagation delay: 2.4 ns; Voltage: 4.5-5.5 V ABT SERIES, QUAD 2-INPUT AND GATE, PDSO14 Quad 2-input AND gate 输入与门 From old datasheet system Quad 2-input AND gate(输入与门)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
M74HC32 M74HC32B1 M74HC32RM13TR M74HC32TTR M74HC32 |
QUAD 2-INPUT OR GATE QUAD 2-INPUT OR GATE 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 20-LCCC -55 to 125
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
LM8363 LM8363D LM8363DH LM8363N LM8363S |
Thin Film Resistor Network; Series:VSSR; Resistance:33ohm; Resistance Tolerance: /- 5 %; Power Rating:1.4W; Voltage Rating:50V; Temperature Coefficient: /-100 ppm; Package/Case:24-QSOP; Network Circuit Type:Isolated Dual - Alarm Digital Clock
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
HCS08MS FN3047 HCS08 HCS08D HCS08DMSR HCS08HMSR HC |
HC/UH SERIES, QUAD 2-INPUT AND GATE, CDFP14 From old datasheet system Radiation Hardened Quad 2-Input AND Gate AND-Gate, 2-Input, Quad, Rad-Hard, High-Speed, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
LT1490CMS8TR LT1490 LT1490IS8PBF LT1490-15 |
Dual and Quad Micropower Rail-to-Rail Input and Output Op Amps Use LT1490A/LT1491A for new designs Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1850 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT1884 LT1884ACN8 LT1884ACS8 LT1884AIN8 LT1884AIS8 |
Dual/Quad Rail-to-Rail Output/ Picoamp Input Precision Op Amps From old datasheet system Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 125 uV OFFSET-MAX, 2.2 MHz BAND WIDTH, PDIP8
|
LINER[Linear Technology] Linear Technology, Corp.
|
74ACTQ32 74ACTQ32SC 74ACTQ32SJ |
Quad 2-input OR Gate ACT SERIES, QUAD 2-INPUT OR GATE, PDSO14 18-Bit LVTTL-To-GTLP Universal Bus Transceiver 56-SSOP -40 to 85 Quiet Series Quad 2-Input OR Gate From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
LT1464 LT1464ACN8 LT1464ACS8 LT1464CN8 LT1464CS8 L |
Dual/Quad Micropower/ 1MHz C-Load Picoampere Bias Current JFET Input Op Amps Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDIP14
|
LINER[Linear Technology] Linear Technology, Corp.
|
LT1112A LT1112 LT1114 |
Quad Low Power Precision, Picoamp Input Op Amps(四路,低功耗,精密型,微微安培输入运算放大 From old datasheet system Dual/Quad Low Power Precision, Picoamp Input Op Amps Dual Low Power Precision, Picoamp Input op Amp
|
Linear Technology Corporation
|
MPC9894 |
Quad Input Redundant IDCS Clock Generator
|
Motorola
|
MPC9894 |
Quad Input Redundant IDCS Clock Generator
|
ETC
|