PART |
Description |
Maker |
3188BC682U063APS1 3188FF473U063APS1 3188EE273U063A |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 6800 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 47000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 27000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 82000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 39000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 68000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 10000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 33000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 4700 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 56000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 150000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 18000 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 1200 uF, CHASSIS MOUNT CAN, ROHS COMPLIANT
|
Cornell Dubilier Electronics, Inc.
|
MH32S72BBFA-6 |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:7.5VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:780uF
|
Mitsubishi Electric Corporation
|
UFG1H682MDM UFG1E102MDM UFG1E102MEM UFG2A103MHM UF |
85 V, 80 A TSPD N-Ch MOSFET 60V, 4.5mOhm 铝电解电容器 ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 1000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 2200 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 10000 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS 铝电解电容器 Dual Unbuffered Inverter 双无缓冲逆变
|
Nichicon Corporation Nichicon, Corp.
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
EDS6432AFBH-TT |
Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-55 C to 105 C; Capacitance:22uF RoHS Compliant: Yes 6400位SDRAM的抗水树(宽温度范围
|
Elpida Memory, Inc.
|
ECOG2WU821L ECOG2GU332F ECOG2GU392E ECOG2GU392T EC |
Screw Terminal Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 3900 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 2700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1800 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 8200 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 1000 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 10000 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 2200 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 2700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 4700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 5600 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 6800 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 6800 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 3300 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 8200 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 1500 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 2200 uF, CHASSIS MOUNT CAN
|
Panasonic Semiconductor http:// Panasonic, Corp.
|
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR Aluminum Snap-In Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
NRSZ122M25V12.5X25 NRSZ562M6.3V16X25 NRSZ681M6.3V8 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 5600 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 33 uF, THROUGH HOLE MOUNT RADIAL LEADED CAP, RADIAL ELEC, LOW-ESR, 25V, 330UF CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 330 uF, THROUGH HOLE MOUNT
|
NIC Components, Corp.
|
KZH6.3VB472M12X25LL KZH6.3VB122M8X15LL KZH6.3VB152 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 4700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1500 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 6800 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 470 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2700 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 3900 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 1800 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Nippon Chemi-con, Corp.
|
SE-K160M6R80AZSV1012 SE-K200M4R70BZSV1012 SE-K6M15 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 6.8 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 4.7 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 15000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 2200 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 10000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 15 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 15 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 6.8 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 15 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 68 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 47 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 3300 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3.3 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 0.47 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 2.2 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 1 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 6.8 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 4.7 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 10 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 680 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 100 uF, THROUGH HOLE MOUNT ROHS COMPLIANT
|
Yageo, Corp.
|
EYZ00BB322N02V EYZ00BB422J02V EYZ00BB315X02V EYZ00 |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 220 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 2200 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 150 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 330 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 385 V, 150 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 1000 uF, THROUGH HOLE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 40 V, 4700 uF, THROUGH HOLE MOUNT ROHS COMPLIANT
|
Vishay Intertechnology, Inc.
|
HSC-AT11U-A30 HSC-AT11K-A00 HSC-AT11K-A01 HSC-AT11 |
Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 22x30 mm; Packaging: Bulk SC型固定衰减器 SC Type Fixed Attenuators SC型固定衰减器 Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 450V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
|