PART |
Description |
Maker |
EMI271T-RC EMI103T-RC EMI220T-RC EMI222T-RC EMI101 |
FILTER EMI 270PF 200-300MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 10000PF 15-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 22PF 800MHZ 5A 50VDC 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER FILTER EMI 2200PF 45-200MHZ 5A 1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER EMI T Network Filters Taped packaged for automated insertion Rated current: 5 A
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions
|
6EG1 |
120 V, 50/60 HZ, SINGLE PHASE EMI FILTER
|
CORCOM INC
|
PK01PS-50-1M3 PK01PS-50-1MM3 PK01PS-50-2M3 PK01PS- |
250 V, 50/60 HZ, SINGLE PHASE EMI FILTER CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
|
Power Dynamics, Inc. PowerDynamics, Inc POWER DYNAMICS INC
|
QPI-11LZ-01 |
7 A V隆陇I Chip EMI Filter 7 A V・I Chip EMI Filter 1 FUNCTIONS, 50 V, 7 A, FERRITE CHIP ROHS COMPLIANT, LGA-10
|
Vicor Corporation
|
1F25 |
EMI Suppression Filter; Voltage Rating:275V; Attenuation:30dB; Current Drain:40mA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):No; Phases:Single; Output Type:AC 275 V, SINGLE PHASE EMI FILTER
|
Crydom, Inc.
|
LBS40002 |
400MHz SAW Filter 0.25MHz Bandwidth
|
SIPAT Co,Ltd
|
LSFB44-429-800K0 LSFA02-422-800K0 LSFA02-434-002M0 |
400MHz Band SAW Filter of Low power consumption 400MHz的频段SAW滤波器的低功率消
|
Kyocera, Corp. KSS[Kyocera Kinseki Corpotation] American KSS
|
NUF8600MN NUF8600MNTXG |
8 Line EMI Filter with ESD Protection 8-Channel EMI Filter with Integrated ESD Protection
|
ON Semiconductor
|
LX7201 LX7201-15ISF LX7201-22ISF |
EMI Filter & ESD Protection for Down Stream USB Ports 2 FUNCTIONS, 5.25 V, DATA LINE FILTER EMI FILTER & ESD PROTECTION FOR DOWN STREAM USB PORTS
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
95010-01HXA AFM704AN/CH AFM704A-15 |
1 FUNCTIONS, 28 V, DATA LINE FILTER EMI FILTER / PROTECTION HYBRID EMI FILTER / PROTECTION HYBRID
|
International Rectifier
|
EMIF08-VID01F2 |
8-line EMI filter and ESD protection for display interfaces 8 line low capacitance EMI filter and ESD protection
|
ST Microelectronics STMicroelectronics
|
4202-065 |
EMI/RFI FILTER Bushing #12 1 FUNCTIONS, 350 V, 10 A, DATA LINE FILTER
|
TUSONIX, Inc.
|