PART |
Description |
Maker |
MBRF20H150CTG MBR20H150CTG |
20 A,150 V H-Series Dual Schottky Rectifier 10 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AB SWITCHMODE?/a> Power Rectifier 150 V, 20 A SWITCHMODE Power Rectifier 150 V, 20 A SWITCHMODE垄芒 Power Rectifier 150 V, 20 A
|
ON Semiconductor
|
CR8U-040 CR8U-060 CR8U-020 |
8 A, 400 V, SILICON, RECTIFIER DIODE, TO-220 8 A, 600 V, SILICON, RECTIFIER DIODE, TO-220 8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220
|
Central Semiconductor, Corp.
|
2N2505 |
Silicon Controlled Rectifier; Package: TO-93; IT (Av) (A): 150; VTM (V): 1.7; VGT (V): 3; IGT (µA): 150; Vrrm (V): 200; 235.5 A, SCR, TO-93
|
Microsemi, Corp.
|
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
RTO050F75R00JTE1 |
RESISTOR, METAL GLAZE/THICK FILM, 2.25 W, 5 %, 150 ppm, 75 ohm, THROUGH HOLE MOUNT TO-220, ROHS COMPLIANT
|
Vishay Intertechnology, Inc.
|
RTO020C75R00GTE3 RTO020CR7500JTE3 RTO020C75R00KTE3 |
RESISTOR, METAL GLAZE/THICK FILM, 2 W, 2 %, 150 ppm, 75 ohm, SURFACE MOUNT TO 220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2 W, 5 %, 150 ppm, 0.75 ohm, SURFACE MOUNT TO 220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2 W, 10 %, 150 ppm, 75 ohm, SURFACE MOUNT TO 220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2 W, 1 %, 150 ppm, 75 ohm, SURFACE MOUNT TO 220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2 W, 1 %, 150 ppm, 0.75 ohm, SURFACE MOUNT TO 220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2 W, 10 %, 150 ppm, 0.75 ohm, SURFACE MOUNT TO 220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2 W, 5 %, 150 ppm, 75 ohm, SURFACE MOUNT TO 220, ROHS COMPLIANT RESISTOR, METAL GLAZE/THICK FILM, 2 W, 2 %, 150 ppm, 0.75 ohm, SURFACE MOUNT TO 220, ROHS COMPLIANT
|
Vishay Intertechnology, Inc.
|
IRG4IBC20W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
APT30DL60BCT APT30DL60BCTG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
APT30DL60B APT30DL60BG APT30DL60S APT30DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
DRA8G-RC DTN12E-RA DTN12G-YB |
12.56 A, SCR, TO-220 TO-220, 3 PIN 400 V, 12 A, TRIAC, TO-220 600 V, 12 A, TRIAC, TO-220
|
Allied Components International
|
NSD |
Surface Mount Schottky Barrier Rectifi er Diode
|
NIC-Components Corp.
|
|