PART |
Description |
Maker |
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|
ISL8126 ISL8126CRZ |
Dual/n-Phase Buck PWM Controller with Integrated Drivers
|
Intersil Corporation
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6322GIRZ |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers, I2C Interface, and Phase Dropping
|
Renesas Electronics Corporation
|
ISL6223EVA ISL6223 ISL6223CA- ISL6263 ISL6223EVAL2 |
Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2 Phase, 5-Bit VID Input, 1.30V to 2.00V in 50mV Steps, ?% Reg, Supply Voltage 5V
|
INTERSIL[Intersil Corporation]
|
ISL8120 ISL8120CRZ ISL8120IRZ ISL8120CRZ-T ISL8120 |
Dual/n-Phase Buck PWM Controller with Integrated Drivers; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC32 Dual/n-Phase Buck PWM Controller with Integrated Drivers; Temperature Range: 0°C to 70°C; Package: 32-QFN DUAL SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PQCC32
|
Intersil Corporation Intersil, Corp.
|
ISL6322 |
4-Phase Buck PWM Controller
|
Intersil Corporation
|
APW7088 APW7088QAE-TRG |
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
|
Anpec Electronics Coropration
|
ISL8121IRZ-T ISL8121IRZ ISL8121EVAL1 ISL8121 |
3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
|
Intersil Corporation
|
ISL6315 ISL6315CR ISL6315CRZ ISL6315EVAL1 ISL6315I |
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
|
Intersil Corporation
|
ISL8103 ISL8103CRZ ISL8103IRZ |
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
|
Renesas Electronics Corporation
|