PART |
Description |
Maker |
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
M4A3-512_256-10FAC M4A5-96/48-10VC M4A5-96/48-10VI |
High Performance E 2 CMOS In-System Programmable Logic EE PLD, 5.5 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 10 ns, PQCC44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP44 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP144 High Performance E 2 CMOS In-System Programmable Logic EE PLD, 7.5 ns, PQFP48 CONNECTOR ACCESSORY CAP 1500UF 100V ELECT KMH SNAP High Performance E 2 CMOS In-System Programmable Logic
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
ISPLSI5512VE-155LF256 ISPLSI5512VE-155LB272 ISPLSI |
In-system programmable 3.3V SuperWIDE high density PLD. fmax 155 MHz, tpd 6.5 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 125 MHz, tpd 7.5 ns. EE PLD, 10 ns, PBGA388 In-system programmable 3.3V SuperWIDE high density PLD. fmax 100 MHz, tpd 10 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 80 MHz, tpd 12 ns.
|
LATTICE SEMICONDUCTOR CORP
|
ISPLSI5256VE-125LT100I ISPLSI5256VE-100LF256I ISPL |
In-system programmable 3.3V SuperWIDE high density PLD. fmax 80 MHz, tpd 12 ns. EE PLD, 10 ns, PBGA256 In-system programmable 3.3V SuperWIDE high density PLD. fmax 100 MHz, tpd 10 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 125 MHz, tpd 7.5 ns. In-system programmable 3.3V SuperWIDE high density PLD. fmax 165 MHz, tpd 6.0 ns.
|
Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
1032-60LG_883 1032-60LJ 1032-60LJI 1032-60LT 1032- |
High-Density Programmable Logic In-System Programmable High Density PLD
|
LATTICE[Lattice Semiconductor]
|
LC4064B-75T44I LC4064B-75T44C LC4064B-75T48C LC406 |
3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs EE PLD, 5 ns, PQFP144 3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs EE PLD, 7.5 ns, PQFP144 3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs EE PLD, 7.5 ns, PQFP44 3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs EE PLD, 7.5 ns, PQFP48 3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs EE PLD, 5 ns, PQFP44
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2128VE04 ISPLSI2128VE100LTN100 ISPLSI2128VE1 |
3.3V In-System Programmable SuperFAST垄芒 High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
Lattice Semiconductor Corporation
|
ISPLSI2128VL-100LB100 ISPLSI2128VL-100LB208 ISPLSI |
2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD Linear Motion Control; Series:LCL; Track Resistance:5kohm; Resistance Tolerance:20%; Power Rating:3W; Operating Temperature Range:-30 C to C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes Linear Motion Control; Series:LCP8; Track Resistance:10kohm; Resistance Tolerance: /-15%; Power Rating:0.2W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes EE PLD, 13 ns, PBGA208 Resistors, Variable sliding; Series:LCP15; Track Resistance:10kohm; Resistance Tolerance: /-10%; Power Rating:0.5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes EE PLD, 13 ns, PBGA100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PBGA208 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP176 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PBGA100
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI1048EA-100LQ128 ISPLSI1048EA-100LT128 ISPLSI |
In-System Programmable High Density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI3256E70LB320 ISPLSI3256E70LQ ISPLSI3256E70LQ |
In-System Programmable High Density PLD
|
Lattice Semiconductor
|