PART |
Description |
Maker |
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
5962-8961603VX 5962-8961604VX 5962-8961601VX |
2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs Analog-to-Digital Converter8-Bit ±15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver 模拟到数字转换器
|
TE Connectivity, Ltd.
|
0569006612MJ9 0569063412MH5 0569010422MF4 05690254 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits CAPACITOR 120UF 63V CAPACITOR 220UF 10V CAPACITOR 220UF 25V CAPACITOR 220UF 35V CAPACITOR 220UF 50V CAPACITOR 220UF 63V CAPACITOR 330UF 16V CAPACITOR 2200UF 16V CAPACITOR 1000UF 25V CAPACITOR 1000UF 35V 电容2200UF 35V CAPACITOR 470UF 50V 电容470UF 50V SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 6.3V的电600UF CAPACITOR 4700UF 16V 16V的电700UF CAPACITOR 2.2UF 50V 电容2.2uF0V CAPACITOR 120UF 25V 25V的电20UF
|
TE Connectivity, Ltd. Honeywell International, Inc. Motorola Mobility Holdings, Inc. ITT, Corp.
|
5962-89629013X |
2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 编解码器,单
|
Maxwell Technologies, Inc
|
IPB04N03LA IPP04N03LA IPI04N03LA |
OptiMOS 2 Power-Transistor Low Voltage MOSFETs - OptiMOS? Power MOSFET, 25V, TO220, RDSon = 4.2mOhm, 80A, LL OptiMOS®2 - Power packages
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
IPI05N03LA IPP05N03LA IPB05N03LA |
OptiMOS®2 - Power packages Low Voltage MOSFETs - OptiMOS? Power MOSFET, 25V, TO220, RDSon = 5.2mOhm, 80A, LL OptiMOS 2 Power-Transistor
|
INFINEON[Infineon Technologies AG] Infineon Technologies A...
|
IPB09N03LA IPI09N03LA IPP09N03LA |
Low Voltage MOSFETs - OptiMOS? Power MOSFET, 25V, D2PAK, RDSon = 8.9mOhm, 50A, LL OptiMOS 2 Power-Transistor
|
INFINEON[Infineon Technologies AG]
|
IPF13N03LA |
Low Voltage MOSFETs - OptiMOS Power MOSFET, 25V, Reverse D-PAK, RDSon = 13.3mOhm, 30A, LL OptiMOS 2 Power-Transistor
|
Infineon Technologies AG
|
MC74LVQ125 MC74LVQ125D MC74LVQ125DT MC74LVQ125M MC |
Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source/sink 16-HTSSOP -40 to 85 LVQ SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Enhanced Low Input (2.25V-5.5V) up to 1MHz Frequency, Sync. Buck Controller, source/sink 16-HTSSOP -40 to 85 低电压CMOS四路缓冲 LOW-VOLTAGE CMOS QUAD BUFFER
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
5962D9567002VCA 5962D9567002VCC 5962D9567002VGA HS |
Low Power, High Performance Radiation Hardened Operational Amplifier OP-AMP, 1 MHz BAND WIDTH, CDIP14 CAP 47UF 4V 25V TANT SMD-7343-43 TR-7 LOWESR-100 CONNECTOR ACCESSORY Low Power/ High Performance Radiation Hardened Operational Amplifier
|
Intersil, Corp. Intersil Corporation
|
MAX148BEAP MAX149BMAP/PR3 |
2.7V to 5.25V Low-Power 8-Channel Serial 10-Bit ADCs 8-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|