PART |
Description |
Maker |
25C320-E/ST 25C320T-/ST 25LC320T-/ST 25C320-/P 25C |
CMOS, 10-Bit A/D Converter with Track and Hold Evaluation Kit for the MAX1858, MAX1875, MAX1876 Dual, High-Efficiency, Step-Down Converter with Backup Battery Switchover Evaluation Kit for the MAX1774 SPI Serial EEPROM Evaluation Kit for the MAX1846, MAX1847 3µs, 12-Bit ADC Evaluation Kit for the MAX1776 SPI串行EEPROM
|
Microchip Technology, Inc.
|
DS1854EVKIT |
Evaluation Kit for the DS1854, DS1857, DS1858, and DS1859 Fiber Optic Monitor and Control Evaluation Kit
|
MAXIM - Dallas Semiconductor
|
2664AJ 2664AK 2664AL |
Evaluation Kit for the MAX2338 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Evaluation Kit for the MAX2335 HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
|
Bel Fuse Inc.
|
265379 265375 265376 265378 65687 65686 236918 |
Evaluation Kit for the MAX2240 Evaluation Kit for the MAX2232, MAX2233 MAX2235 Evaluation Kit 5V-Powered, Multichannel RS-232 Drivers/Receivers PADLOCK EYES INSIDE MOUNT Inhalt pro Packung: 2 Stk. PADLOCK EYES PAIRS SURFACE MOUNT Inhalt pro Packung: 6 Stk. 锁双眼睛表面贴装Inhalt亲Packung沙头角 HEAVY DUTY STEEL LOCKOUT 重型钢锁 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容
|
Brady, Corp. Exar, Corp.
|
VV5430C001 EVK-5430-001 EVK-5430-002 VV5430 |
EIA evaluation kit for VV5430 sensor Monochrome Analog Output CMOS Image Sensors CCIR evaluation kit for VV5430 sensor
|
STMICROELECTRONICS[STMicroelectronics] VLSI Vision Limited
|
MAX1556EVKIT MAX1556 |
MAX1556 Evaluation Kit Evaluation Kit for the MAX1556EVKIT
|
MAXIM[Maxim Integrated Products]
|
27C128 10003K 27LC128-12EL 27LC128-12EP 27LC128-12 |
2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier x8存储 Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs x8存储 Evaluation Kit for the MAX3766 x8存储 3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers x8存储 622Mbps, Low-Noise Transimpedance Preamplifier for LAN and WAN Optical Receivers x8存储 LED BLUE 430NM 100MCD 3MM 128K的(16K的8)的CMOS存储 128K (16K x 8) CMOS EPROM 128K的(16K的8)的CMOS存储 MAX3812 Evaluation Kit x8存储 Evaluation Kit for the MAX3804 Precision, Low-Voltage, SPST CMOS Analog Switch Evaluation Kit for the MAX3822 LED HI EFF RED DIFF 0805 SMD Low-Power, 622Mbps Limiting Amplifiers with Chatter-Free Power Detect for LANs LED YELLOW DIFF 1206 SMD LED GREEN DIFF 0805 SMD x8 EPROM Evaluation Kit for the MAX3802 Evaluation Kit for the MAX3803 From old datasheet system 128K (16x8)CMOS EPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
2750D0100-01 2750D0150-01 2750D0010-01 2735D0080-0 |
Precision, Quad, SPST Analog Switches Evaluation Kit for the MAX3524 Evaluation Kit for the MAX3514, MAX3516, MAX3517 ±15kV ESD-Protected, 1µA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP 消费性IC
|
Vishay Intertechnology, Inc.
|
243PC15M 242PC60G 242PC100GS 242PC250G 242PC150GS |
Burst-Mode PON Controller With Integrated Monitoring 工业控制IC Dual, Temperature-Controlled Resistors with Internally Calibrated Monitors 工业控制IC Evaluation Kit for the DS1854, DS1857, DS1858, DS1859 Fiber Optic Monitor and Control Evaluation Kit 工业控制IC Industrial Control IC 工业控制IC
|
Honeywell International, Inc.
|
MAX1258EVKIT |
Evaluation Kit/Evaluation System for the MAX1057, MAX1058, MAX1257, MAX1258
|
Maxim
|
MAX1470EVKIT MAX1470_02 MAX1470 MAX1470EVKIT-315 M |
MAX1470 Evaluation Kit From old datasheet system Evaluation Kit for the MAX1470
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|