PART |
Description |
Maker |
SF3B41 S2008R12V S2008N12V S2008K12V S2008W12V S20 |
200 V, 6 A sensitive triac 200 V, 16 A alternistor triac 800 V, 6 A triac 200 V, 8 A alternistor triac 400 V, 25 A triac 400 V, 10 A triac Thyristor Product Catalog Cross Reference Data to Teccor Part Numbers (See datasheet appendix) 600 V, 10 A triac 200 V, 10 A alternistor triac 800 V, 4 A triac 400 V, 16 A alternistor triac
|
Teccor Electronics, Inc.
|
CQ220I-10D CQ220I-10N CQ220I-10B CQ220I-10M |
CAP 0.039UF 16V 10% X7R SMD-0805 TR-7 PLATED-NI/SN 600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOLATED TAB TRIAC 10 AMP Leaded Thyristor TRIAC
|
Central Semiconductor, Corp. Central Semiconductor Corp.
|
CQ202-4M CQ202-4N CQ202-4D CQ202-4B |
TRIAC|200V V(DRM)|4A I(T)RMS|TO-202 可控硅| 200伏五(DRM)的| 4A条口T)的有效值|02 TRIAC|400V V(DRM)|4A I(T)RMS|TO-202 From old datasheet system 4.0 AMP TRIAC 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Unisonic Technologies Co., Ltd. Central Semiconductor Corp.
|
Q7010LH5 Q7010RH5 Q7012LH5 Q7012RH5 Q7015L6 Q7015R |
Alternistor triac, 25A, 800 Volt Alternistor triac, 15A, 400 Volt Alternistor triac, 25A, 500 Volt Alternistor triac, 25A, 200 Volt Alternistor triac, 8A, 500 Volt Alternistor triac, 25A, 400 Volt Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35 Alternistor Triacs 交变双向 Alternistor triac, 6A, 500 Volt Alternistor triac, 15A, 200 Volt Alternistor triac, 15A, 500 Volt Alternistor triac, 15A, 600 Volt Alternistor Triacs
|
TECCOR[Teccor Electronics] Littelfuse, Inc. Motorola Mobility Holdings, Inc.
|
MAC228A MAC228A10 MAC228A10G MAC228A4 MAC228A6 MAC |
TRIAC 8A 600V TRIAC 8A 400V TRIAC 8A 200V
|
ON Semiconductor
|
CQ220-12B CQ220-12D CQ220-12M CQ220-12N |
Leaded Thyristor TRIAC 12 AMP TRIAC 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 400 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB 12 AMP TRIAC 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
Q4008R455 Q4X8E373 Q4X8E373AP Q4015R552 Q4015R553 |
400 V, 8 A, TRIAC, TO-220AB 400 V, 0.8 A, TRIAC, TO-92 400 V, 15 A, TRIAC, TO-220AB 500 V, 4 A, TRIAC, TO-202AB 800 V, 4 A, TRIAC, TO-220AB 800 V, 10 A, TRIAC, TO-220AB 200 V, 8 A, TRIAC 200 V, 10 A, TRIAC
|
|
BCR8KM-12LA-A8 BCR8KM-12LA |
600 V, 8 A, TRIAC, TO-220AB TO-220FN, 3 PIN Triac Medium Power Use
|
TE Connectivity, Ltd. Renesas Electronics Corporation.
|
CQ92-2M CQ92-2N |
TRIAC 2.0 AMP, 600 THRU 800 VOLTS Leaded Thyristor TRIAC
|
Central Semiconductor Corp.
|
IS6010X IS6005X IS6015 IS6015X IS6015-G |
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS Panasonic Semiconductor ISOCOM COMPONENTS LTD
|
BT134W_SERIES_D_1 BT134W-600D/T1 BT134W-600D-T |
600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC TRIAC 1A SOT-223 From old datasheet system
|
NXP SEMICONDUCTORS
|
|