PART |
Description |
Maker |
1N6521U 1N6525U 1N6523U |
2,000 V - 5,000 V Rectifiers 2000 V - 5000 V Rectifiers
|
ETC[ETC]
|
HMC61110 |
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz 1 MHz - 10000 MHz RF/MICROWAVE THRESHOLD DETECTOR, 15 dBm INPUT POWER-MAX
|
http:// HITTITE MICROWAVE CORP Hittite Microwave Corporation
|
R2000 |
High Voltage Silicon Rectifiers Reverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
|
GOOD-ARK Electronics
|
IRH015020LW02 IRJ008010LW02 IRJ015020LW02 IRH05405 |
1500 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 800 MHz - 1000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 5400 MHz - 5900 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 9500 MHz - 10500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2300 MHz - 2500 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 8500 MHz - 9600 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8 dB CONVERSION LOSS-MAX 2000 MHz - 4000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 12000 MHz - 15000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX 2100 MHz - 2300 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 3700 MHz - 4200 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7 dB CONVERSION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 7.5 dB CONVERSION LOSS-MAX 16000 MHz - 19000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 9 dB CONVERSION LOSS-MAX 10000 MHz - 12000 MHz RF/MICROWAVE IMAGE REJECTION MIXER, 8.5 dB CONVERSION LOSS-MAX
|
MITEQ INC
|
3495H-642 3491H-644 |
5000 MHz - 10000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.6 dB INSERTION LOSS-MAX 1000 MHz - 2000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.6 dB INSERTION LOSS-MAX
|
HERLEY NEW YORK
|
ZFRSC-2050 ZFRSC-2050-N |
0 MHz - 2000 MHz RF/MICROWAVE COMBINER, 1.4 dB INSERTION LOSS Power Splitter/Combiner 2 Way-0 Resistive 50ヘ DC to 2000 MHz Power Splitter/Combiner 2 Way-0 Resistive 50惟 DC to 2000 MHz Power Splitter/Combiner 2 Way-0 Resistive 50Ω DC to 2000 MHz
|
Mini-Circuits
|
UPC2260 UPC2260V |
UPC2260 Data Sheet | Data Sheet[06/2000] UPC2260数据表|数据表[06/2000] Low saturated stabilizing power circuit with a system
|
Atmel, Corp. NEC
|
1N5618U 1N5622U 1N5614U 1N5620U |
600 V rectifier 1.5 A forward current, 2000 ns recovery time 1000 V rectifier 1.5 A forward current, 2000 ns recovery time 200 V rectifier 1.5 A forward current, 2000 ns recovery time 800 V rectifier 1.5 A forward current, 2000 ns recovery time
|
Voltage Multipliers
|
0070.5021.B1 0070.9521.B1 0070.1181.B1 0070.1111.A |
11 - 95 VAC ・ 250 - 10000 A ・ 5 - 20 mm
|
Schurter Inc.
|