PART |
Description |
Maker |
LTC1096LIS8TR |
Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear Technology
|
LTC1285 LTC1285CN8 LTC1285CS8 LTC1288 LTC1288CN8 L |
From old datasheet system 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
|
LINER[Linear Technology]
|
LTC1286 LTC1286C LTC1286CN8 LTC1286CS8 LTC1286I LT |
From old datasheet system Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
|
LINER[Linear Technology]
|
AM27C020-155DI AM27C020-175DI AM27C020-155DIB AM27 |
Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C Micropower Sampling 8-Bit Serial I/O A/D Converters; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Micropower Low Dropout References; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Complete Single Supply 12-Bit Voltage Output DAC in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched-Capacitor Wide Input Range Voltage Converter with Shutdown; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: PDIP; No of Pins: 24; Temperature Range: -40°C to 85°C Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 3V 140ksps 12-Bit Sampling A/D Converter with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit, 300ksps Sampling A/D Converters with Reference; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C Micropower Sampling 12-Bit A/D Converters In S0-8 Packages; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 12-Bit, 500ksps Sampling A/D Converter with Shutdown; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 12-Bit, 1.25Msps, 55mW Sampling A/D Converter; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Efficiency Step-Down and Inverting DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Low Power, 14-Bit, 200ksps ADC with Serial and Parallel I/O; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C Low Power, Low Noise, Quad Universal Filter Building Block; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Switched Capacitor Regulated Voltage Inverter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single 5V RS232/RS485 Multiprotocol Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C x8存储 Single Chip 12-Bit Data Acquisition System; Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C x8存储 x8 EPROM x8存储
|
C-MAC MicroTechnology SPC Technology Electronic Theatre Controls, Inc.
|
SP8538 SP8538AN SP8538AS SP8538BN SP8538BS SP8538J |
RECTIFIER STANDARD SINGLE 1A 50V 50 30A-ifsm 5uA-ir 1.1V-vf MELF 5K/REEL Micropower Sampling 12-Bit A/D Converter
|
SIPEX[Sipex Corporation]
|
ADS8320SHKQ ADS8320SKGD1 ADS8320SKGD2 |
<font color=red>[Old version datasheet]</font> 16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
|
TI store
|
LTC1410 LTC1410C LTC1410CG LTC1410CSW LTC1410I LTC |
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 12-Bit/ 1.25Msps Sampling A/D Converter with Shutdown 12-Bit, 1.25Msps Sampling A/D Converter with Shutdown From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
LTC1605-1CG LTC1605-2IG LTC1605-1CGTRPBF LTC1605-2 |
16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 16-Bit, 100ksps, Sampling ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 Single Supply 16-Bit/ 100ksps/ Sampling ADCs Single Supply 16-Bit, 100ksps, Sampling ADCs
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC2356-1209 LTC2356CMSE-12TRPBF LTC2356IMSE-12PBF |
Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown Serial 12-Bit, 3.5Msps Sampling ADC with Shutdown; Package: MSOP; No of Pins: 10; Temperature Range: 0°C to 70°C 1-CH 14-BIT PROPRIETARY METHOD ADC, SERIAL ACCESS, PDSO10
|
Linear Technology, Corp.
|
LTC1605ACSW LTC1605ACG LTC1605AISW LTC1605IG LTC16 |
16-Bit/ 100ksps/ Sampling ADC 8-Bit, 45.5 kSPS ADC Serial Out, Low Power, Compatible to TLC540/545/1540, Single Ch. 8-SOIC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|