PART |
Description |
Maker |
SF10A01 SF10A02 SF10A04 SF10A03 SF10A05 SF10A06 |
Glass Passivated Super Fast Recovery Rectifie
|
YENYO TECHNOLOGY Co., Ltd
|
TXN05 TXN100 TYN40 TYN80K TXN058 TXN05G TXN05K TXN |
THYRISTORS V(drm): 50V; 8A; glass passivated thyristor V(drm): 1000V; 8A; glass passivated thyristor V(drm): 100V; 8A; glass passivated thyristor V(drm): 200V; 8A; glass passivated thyristor V(drm): 400V; 8A; glass passivated thyristor V(drm): 600V; 8A; glass passivated thyristor V(drm): 800V; 8A; glass passivated thyristor
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
1N5393GP 1N5399GP 1N5391GP 1N5392GP 1N5394GP 1N539 |
Glass Passivated Junction Rectifier(????荤?缁???存??? Glass Passivated Junction Rectifier(钝化玻璃结型整流 结玻璃钝化整流(钝化玻璃结型整流器) GLASS PASSIVATED JUNCTION RECTIFIER 玻璃钝化整流
|
GE Security, Inc. GE[General Semiconductor]
|
GP10M GP10A GP10B GP10D GP10G GP10J GP10K |
1.0 Amp Glass Passivated Junction Rectifiers 50 to 1000 Volts Aluminum Electrolytic Radial Leaded Low Profile Wide Temp Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x9 mm; Packaging: Bulk Glass Passivated Junction Rectifiers 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
DGP30 CGP30 |
Clamper/Damper Glass, Passivated Rectifier, Forward Current 3.0A, Reverse Voltage 1400 to 1500V Clamper/Damper Glass Passivated Rectifier
|
VISAY[Vishay Siliconix]
|
1SMC6.5CA 1SMC8.0CA 1SMC5.0CA 1SMC6.0CA 1SMC7.0CA |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电4V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电8V,双向玻璃钝化节点瞬变电压抑制 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 STRAP BATTERY FIBRE BASE 9V 4LD Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.5V,双向玻璃钝化节点瞬变电压抑制 BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp.
|
1R5GU4G |
Ultra Fast Recovery Pack: DO-15 ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE锛?50V CURRENT锛?.5A ULTRAFAST EFFICIENT GLASS PASSIVATED RECTIFIER VOLTAGE?50V CURRENT?.5A
|
Gulf Semiconductor
|
GF1A- GBU1A GBU1B GBU1D GBU1G GBU1J GBU1K GBU1M GF |
1.0 Ampere Glass Passivated Rectifiers(玻璃钝化整流器(平均整流电流1A,重复反相电压峰00V)) 1 A, 800 V, SILICON, SIGNAL DIODE, DO-214AC 1.0 Ampere Glass Passivated Rectifiers(玻璃钝化整流器(平均整流电流1A,重复反相电压峰0V))
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
SF1602GA SF1602GD SF1604GD SF1604GA |
(SF1601GA - SF1608GA) 16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diodes (SF1601G - SF1608G) 16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diodes (SF1601GD - SF1608GD) 16.0 Ampere Glass Passivated Super Fast Recovery Rectifier Diodes
|
Thinki Semiconductor
|
Z1SMA200 Z1SMA110 Z1SMA130 |
200 V, 5 mA, 1 W surface mounted glass passivated zener diode 110 V, 5 mA, 1 W surface mounted glass passivated zener diode 130 V, 5 mA, 1 W surface mounted glass passivated zener diode
|
Fagor
|
1N4001GP 1N4007GP 1N4006GP 1N4004GP 1N4005GP |
1.0 Ampere Glass Passivated Rectifiers(骞冲??存?1瀹??????????????娴??) 1.0 Ampere Glass Passivated Rectifiers(平均整流1安培的玻璃钝化结型整流器) 1 A, 400 V, SILICON, SIGNAL DIODE, DO-41 1.0 Ampere Glass Passivated Rectifiers(平均整流1安培的玻璃钝化结型整流器) 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|