PART |
Description |
Maker |
MAX6311UK00D3-T MAX6308UK00D3-T |
5-Pin, Multiple-Input, Programmable Reset ICs
|
Maxim Integrated Produc...
|
MAX6308UK00D1 MAX6308UK00D1T |
5-Pin, Multiple-Input, Programmable Reset ICs
|
MAXIM - Dallas Semiconductor
|
29KJTAG |
5-Pin, Multiple-Input, Programmable Reset ICs JTAG边界扫描初始化在AMD 29K型家
|
Electronic Theatre Controls, Inc.
|
DF-18 2-FF-45-TT DF-45-TT 2-FF-73-TT DF-73-TT DF-3 |
5-Pin, Multiple-Input, Programmable Reset ICs 模拟杂项 Analog Miscellaneous 模拟杂项
|
TOKO, Inc. Citizen Finetech Miyota
|
6TR60 15TD30 15TR13 15TR35 12TD30 12TR40 28TR23 28 |
Low-Noise, 4 1/2 Digit, Single-Chip ADC with Multiplexed LCD Drivers Analog IC 模拟IC 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC
|
3M Company Microchip Technology, Inc.
|
06ZWSERIES 06ZHSERIES 12ZWSERIES 12ZHSERIES 05ZHSE |
4 1/2 Digit, LCD, High-Speed Counter Decoder Driver 模拟IC 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC Analog IC 模拟IC
|
SIEMENS AG
|
2MBI75S 2MBI75S-120 |
IGBT MODULE ( S-Series ) 2-Pack IGBT 1200V 2X75A IGBT模块S系列,包IGBT200X75A 5-Pin, Multiple-Input, Programmable Reset ICs 100 A, 1200 V, N-CHANNEL IGBT
|
http:// FUJI[Fuji Electric] FUJI ELECTRIC HOLDINGS CO., LTD.
|
M88 M88T M88131W-15K1T M88131W-15K6T M88131W-15T1T |
DATA BRIEFING - IN-SYSTEM PROGRAMMABLE (ISP) MULTIPLE-MEMORY In-System Programmable (ISP) Multiple-Memory and Logic FLASH PSD Systems (with CPLD) for MCUs 256K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQCC52 128K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP52 256K X 8 FLASH, 27 I/O, PIA-GENERAL PURPOSE, PQFP52 IPI CAMBION CONNECTOR 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 Solder Terminal; Pin Length:0.594"; Contact Plating:Electro Solder; Leaded Process Compatible:No; Mounting Type:Threaded; Peak Reflow Compatible (260 C):No RoHS Compliant: No 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 In-System Programmable ISP Multiple-Memory and Logic FLASHPSD Systems with CPLD for MCUs 在系统可编程ISP的多内存和CPLD的逻辑FLASHPSD系统的微控制 CONN PCB 26PIN TIN I/O Module; Signal Input Type:3 to 8VDC; Number of Outputs:1; Number of Analog Inputs:1; Number of Analog Outputs:1; Input Current Max:27mA; Input Current Min:10mA; Operating Voltage Max:6V; Operating Voltage Min:2.5V RoHS Compliant: Yes RELAY, SOLID STATE 3A 240V CONNECTOR DIP 16 PIN TIN IDC CONNECTOR DIP 24 PIN TIN IDC OSCILLATORS 50PPM -40 85 3.3V 4 40.960MHZ HCMOS 10% 5X7MM 6PAD SMD OSCILLATORS -40 85 3.3V 4 35.328MHZ HCMOS 10% 5X7MM 6PAD SMD OSCILLATORS 0 70 5.0V 4 74.250MHZ HCMOS/TTL 10% 5X7MM 6PAD SMD
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
SDA5648 SDA5648X Q67006-A5198 Q67000-A5186 |
From old datasheet system Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
|
SIEMENS[Siemens Semiconductor Group] Infineon
|
PIC16F818 PIC16F819 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upward
|
Microchip
|