PART |
Description |
Maker |
SDC1740 SDC1740411B SDC1740412B SDC1740413B SDC174 |
INDUCTOR,2.2UH, 20%, 71.2M OHM MAX DRC, 1.75A IRMS SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, MDIP32 12- and 14-Bit Hybrid Synchro/ Resolver-to-Digital Converters SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, MDIP32 12- and 14-Bit Hybrid Synchro/ Resolver-to-Digital Converters 12 -14位混合同分解到数字转换器
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
SDC1767412 SDC1767411 RDC1767411 SDC1767 RDC1767 S |
14-Bit Synchro-to-Digital Converter 12- AND 14- BIT HYBRID SYNCHRO / RESOLVER TO DIGITAL CONVERTERS 12 -14 -位混合同分解数字转换 SYNCHRO OR RESOLVER TO DIGITAL CONVERTER, MDMA32
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
SDC1740 SDC1741 RDC1740 |
14-Bit Synchro-to-Digital Converter 12-Bit Synchro-to-Digital Converter 14-Bit Hybrid Synchro/Resolver-to-Digital Converter
|
Analog Devices
|
ADT7301ARM ADT7301ARM-REEL ADT7301ARM-REEL7 ADT730 |
DIGITAL TEMP SENSOR-SERIAL, 13BIT(s), 4Cel, RECTANGULAR, SURFACE MOUNT LEAD FREE, PLASTIC, MO-178AB, SOT-23, 6 PIN 13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit/ 0.5C Accurate/ MicroPower Digital Temperature Sensor in 6-Lead SOT-23 13-Bit, ±1ºC Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23 and 8-Lead MSOP
|
Analog Devices, Inc.
|
259400 259402 259401 259364 259365 259367 259366 2 |
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference 12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference 10-Bit, 20Msps ADC SIGN-WEAR WELDING MASK SIGN-RESPIRATORS MUST BE WORN SIGN-EMERGENCY EXIT SIGNS NOW WASH YOUR HANDS SIGN-NOW WASH YOUR HANDS 0.1% Accurate Signal Conditioner for Piezoresistive Sensor Compensation 标志的实验室外套必须 Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors 标志,必须戴呼吸 1% Accurate, Digitally Trimmed Sensor Signal Conditioner 标志,应急出
|
Microchip Technology, Inc.
|
LT1469ACDF-2-PBF LT1469ACDF-2-TRPBF LT1469AIDF-2-P |
DUAL OP-AMP, 450 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 350 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 85°C DUAL OP-AMP, 600 uV OFFSET-MAX, 190 MHz BAND WIDTH, PDSO12 Dual 200MHz, 30V/レs 16-Bit Accurate AV ∶ 2 Op Amp Dual 200MHz, 30V/楼矛s 16-Bit Accurate AV 隆? 2 Op Amp Dual 200MHz, 30V/μs 16-Bit Accurate AV ?2 Op Amp
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1468 LT1468CN8 LT1468CS8 LT1468IN8 LT1468IS8 146 |
90MHz, 22V/us 16-Bit Accurate Operational Amplifier 90MHz/ 22V/us 16-Bit Accurate Operational Amplifier From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LT146809 LT1468CDDTRPBF LT1468IDDTRPBF LT1468AIDDT |
16-Bit Accurate Operational Amplifi er 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 500 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD5040 AD5063 AD5062 AD5060 AD5061 AD5060ARJZ-2REE |
Full Accurate 3 V/5 V 14-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 3 V/5 V 16-Bit Vout nanoDAC™ Converter, Output Buffered, in a Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered 3V/5V Sot 23 Full Accurate 14/16 Bit Vout nanoDac Buffered, 3V/5V, Sot 23
|
AD[Analog Devices] Analog Devices, Inc.
|
ADT7408CCPZ-REEL7 ADT7408CCPZ-REEL ADT7408CCPZ-R2 |
2C Accurate, 12-Bit Digital Temperature Sensor -2 C Accurate, 12-Bit Digital Temperature Sensor
|
AD[Analog Devices]
|
PC74HC40102 |
(It is accurate) 8-Bit Synchronous BCD Down Counter
|
Philips Semiconductors NXP
|