PART |
Description |
Maker |
51721-10012418AB 51721-10014011AALF 51721-10012016 |
514 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 571 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 496 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 416 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 339 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 323 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 412 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 393 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 329 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 409 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 370 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 434 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 466 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 594 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 310 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 550 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 340 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 317 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
|
FDS4080N7 |
RELAY, 4PCO, 12VDC; Configuration, contact:4PCO; Voltage, contact DC max:30V; Voltage, coil DC nom:12V; Current, contact AC max:5A; Current, contact DC max:5A; Voltage, contact AC max:250V; Resistance, coil:160R; Material, RoHS Compliant: Yes 40V N-Channel FLMP PowerTrench MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
M-FIAM3MS3 M-FIAM3 M-FIAM3H11 M-FIAM3H12 M-FIAM3H1 |
Military 270Vin Filter Input Attenuator Module 军事270Vin滤波器输入衰减模 Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp
|
Vicor, Corp. VICOR[Vicor Corporation]
|
M393T5750BY0-CD5/CC M393T2950BZ0-CD5/CC M393T2953B |
100 x 64 pixel format, TAB display SWITCH, DPDT, CTR OFF LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT Centre Off; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, RoHS Compliant: Yes SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes TVS BIDIRECT 1500W 16V SMC DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
FTR-C210 FTR-C2CB012G FTR-C2GA012G FTR-C2GB012G FT |
SIGNAL RELAY 2 POLES - 2A High Isolation Wide Contact Gap 2.0mm Contact Gap POWER/SIGNAL RELAY, DPDT, LATCHED, 0.03A (COIL), 5VDC (COIL), 150mW (COIL), 2A (CONTACT), 220VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Component Limited. FUJITSU LTD
|
RIF-0-RSC-12DC |
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
|
PHOENIX CONTACT
|
UADT12 UADB48 USDP120 UFDK28 UFDB120 USDP75 UADT48 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.095A (COIL), 12VDC (COIL), 1140mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.049A (COIL), 28VDC (COIL), 1372mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.009A (COIL), 120VDC (COIL), 1080mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 75VDC (COIL), 1275mW (COIL), 4A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.027A (COIL), 48VDC (COIL), 1296mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.194A (COIL), 6VDC (COIL), 1164mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT
|
|
SEL6810ATH12E |
Round-type contact mount LEDs (for automatic insertion) From old datasheet system
|
Sanken electric
|
TCZS8100 |
Style:Cable Receptacle; Circular Contact Gender:Socket; Insert Arrangement:18-5 From old datasheet system Matchable Pairs - Emitter and Detector
|
Vishay Telefunken Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
CSPEMI200A |
"4 Channel Headset EMI Filter with ESD Protection @ ?à8kV (IEC61000-4-2 Level 4 Contact Discharge), Chip Scale Package" From old datasheet system
|
California Micro Devices
|
TQ2L25V TQ2SL-4.5V TQ2SA-12V TQ2SA-L-12V TQ2-2M-24 |
Leading the market, our 5 mm 2-pole surface mount relays comply with JIS C0806 POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.031A (COIL), 4.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.012A (COIL), 12VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.006A (COIL), 12VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.008A (COIL), 24VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 12VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.094A (COIL), 1.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.033A (COIL), 3VDC (COIL), 100mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, 4PDT, LATCHED, 0.067A (COIL), 3VDC (COIL), 200mW (COIL), 1A (CONTACT), 110VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT POWER/SIGNAL RELAY, DPDT, LATCHED, 0.023A (COIL), 3VDC (COIL), 70mW (COIL), 2A (CONTACT), 220VDC (CONTACT), SURFACE MOUNT-STRAIGHT
|
Panasonic Semiconductor
|
|