PART |
Description |
Maker |
V23818-K15-L46 V23818-K15-L16 |
Small Form Factor Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5/2x10 Pinning with LC Connector 纤巧单模1300纳米1.0625 Gbit / s的光纤通道1.25千兆以太网收发器2x5/2x10的LC连接器钢
|
Infineon Technologies AG
|
HHBA-5101 HHBA-5101C HHBA-5101CP |
1 Gb 64-bit. 33MHz Tachyon TL PCI-to-Fibre Channel Adapter. Bulk Packaging Agilent HHBA-5101 64-bit Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101C · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter HHBA-5101CP · 1 Gb 64-bit, 33MHz Tachyon TL PCI-to-Fibre Channel Adapter, Bulk Packaging
|
HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
HHBA-5221BP HHBA-5220BP HHBA-5220B HHBA-5221B |
HHBA-5221BP · 2 Gb/s, 64-bit, 66 MHz, Tachyon XL2 PCI-to-Fibre Channel Adapter with SFF transceive, Bulk Packaging HHBA-5221B · 2 Gb/s, 64-bit, 66 MHz, Tachyon XL2 PCI-to-Fibre Channel Adapter with SFF transceiver HHBA-5220BP · 2 Gb/s, 64-bit, 66 MHz, Tachyon XL2 PCI-to-Fibre Channel Adapter with SFP transceive, Bulk Packaging HHBA-5220B · 2 Gb/s, 66 MHz, Tachyon XL2 PCI-to-Fibre Channel Adapter, Card with SFP Transceiver Cage 2 Gb/s. 64-bit. 66 MHz. Tachyon XL2 PCI-to-Fibre Channel Adapter with SFF transceiver 2 Gb/s. 64-bit. 66 MHz. Tachyon XL2 PCI-to-Fibre Channel Adapter with SFP transceive. Bulk Packaging 2 Gb/s. 64-bit. 66 MHz. Tachyon XL2 PCI-to-Fibre Channel Adapter with SFF transceive. Bulk Packaging
|
Agilent (Hewlett-Packard)
|
JNIC-1460 JNIC-1560 |
Fibre Channel-to-PCI/PCI-X ASIC Controller
|
Applied Micro Circuits Corporation
|
V23826-K15-C313 V23826-K15-C353 V23826-K15-C363 V2 |
Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.3 Gigabit Ethernet 1x9 Transceiver
|
Finisar Corporation.
|
VSC7121 |
QUAD PORT BYPASS CIRCUIT FOR 1.0625 GBIT/SEC FIBRE CHANNEL ARBITRATED LOOP DISK ARRAYS
|
Vitesse Semiconductor Corporation
|
V23818-K15-B57 |
SFP - Small Form-factor Pluggable Single Mode 1300 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC⑩ Connector
|
Infineon Technologies AG
|
V23848-M15-C56 |
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
|
INFINEON[Infineon Technologies AG]
|
HHBA-5101 |
64-bit PCI-to-Fibre Channel Host Adapter(64位PCI至光通道主机适配
|
Agilent(Hewlett-Packard)
|
V23818-N15-L356 V23818-N15-L356-C V23818-M305-L57 |
Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LCConnector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x10 Pinning with LC Connector/ with Collar Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector SMALL FORM FACTOR MULTIMODE 850 NM 2.125 AND 1.0625 GBD FIBRE CHANNEL 2X5 TRANSCEIVER WITH LC⒙ CONNECTOR Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC Connector
|
Infineon Technologies AG
|
NAND04G-B |
1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory 1千兆千兆位,4千兆位,8千兆112 Byte/1056字的页面.8V/3V,NAND闪存
|
STMicroelectronics N.V.
|