PART |
Description |
Maker |
ULN2005 ULN2003 ULN2003L ULN2005A ULN2005L ULN2003 |
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS 高电压,大电流达林顿阵列 Flash Memory IC; Memory Size:64Mbit; Access Time, Tacc:90ns; Package/Case:48-TSOP; Supply Voltage Max:3V; Leaded Process Compatible:Yes; Peak Reflow High Voltage / High Current Darlington Transistor Arrays HIGH-VOLTAGE/ HIGH-CURRENT DARLINGTON ARRAYS (ULN2001A - ULN2005A) High Voltage / High Current Darlington Arrays 500 mA, 50 V, 7 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Electronic Theatre Controls, Inc. Sprague Electric ETC[ETC] List of Unclassifed Manufacturers VISHAY SPRAGUE
|
HV9113NG-G HV911307 |
High-Voltage Current-Mode PWM Controller
|
Supertex, Inc
|
HV9123P-G |
High-Voltage,Current-Mode PWM Controller
|
Supertex, Inc
|
LT3724EFE-PBF LT3724EFE-TRPBF LT3724IFE-PBF LT3724 |
High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology
|
LT3724 |
High Voltage / Current Mode Switching Regulator Controller
|
Linear Technology
|
UC3842A-D08-T UC3842A05 UC3842A UC3843A UC3843AL-S |
CURRENT MODE PWM CONTROL CIRCUITS High Performance Current Mode Controllers
|
UNISONIC TECHNOLOGIES CO LTD 友顺科技股份有限公司 UTC[Unisonic Technologies] ON Semiconductor http://
|
LTC1871-7 LT1871EMS-7 LT1871EMS-7-PBF LT1871EMS-7- |
High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
|
Linear Technology
|
BY329X1500 BY329X-1500S BY329X-1500 BY329X-1500S12 |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Damper diode fast, high-voltage Damper diode fast/ high-voltage Damper diodes fast, high-voltage - I<sub>FRM</sub>: 16 A; I<sub>O (AV)</sub>: 10 A; V<sub>RRM</sub>: 1500 V; Package: SOD113 (TO-220F); Container: Horizontal, Rail Pack
|
http:// NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
LT3844 LT3844EFE-PBF LT3844EFE-TRPBF LT3844IFE-PBF |
High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
|
Linear Technology
|
FS1UM-18A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|