PART |
Description |
Maker |
AM27C2048 AM27C2048-120DC AM27C2048-120DC5 AM27C20 |
2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 OTPROM, 120 ns, PQCC44 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 2兆位28亩16位)CMOS存储 TESTER FLAT CABLE 2兆位28亩16位)的CMOS存储 2 Megabit (128 K x 16-Bit) CMOS EPROM 128K X 16 UVPROM, 55 ns, CDIP40 4-Bit Binary Full Adders With Fast Carry 16-SO 0 to 70 2兆位128亩16位)的CMOS存储 TESTER MODULAR CABLE RJ45/12/11 4-Bit Binary Full Adders With Fast Carry 16-SOIC 0 to 70 Evaluation Kit for the MAX3869 2 megabit CMOS EPROM
|
SPANSION LLC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AMD29F010B AM29F010B-90PI AMD29F010B-45EE AMD29F01 |
1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only / Uniform Sector Flash Memory 20V Single N-Channel HEXFET Power MOSFET in a Micro 3 package; A IRLML2402 with Tape and Reel Packaging 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位28亩8位)的CMOS 5.0伏只,统一部门快闪记忆 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory 1兆位128亩8位)的CMOS 5.0伏只,统一部门快闪记忆
|
Advanced Micro Devices, Inc.
|
AM29LV200B AM29LV200BB-120EC AM29LV200BB-120ECB AM |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 80 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 128K X 16 FLASH 3V PROM, 90 ns, PDSO48 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位256Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2兆位56Kx8Bit/128Kx16位).0伏的CMOS引导扇区闪存
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F100-1 AM29F100B-120DGC AM29F100B-120DGC1 AM29 |
1 megabit CMOS 5.0 volt-only, boot sector flash memory 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory-Die Revision 1 Hex Inverters 14-VQFN -40 to 85 1兆位28x 8-Bit/64x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC47 1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1 Hex Inverters 14-TSSOP -40 to 85 1兆位28亩x 8-Bit/64亩x 16位).0伏的CMOS只,引导扇区快闪记忆体模修订1
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. PROM ADVANCED MICRO DEVICES INC
|
AM28F010 AM28F010-200JEB AM28F010-150FIB AM28F010- |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 150 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 200 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 CMOS Dual Binary Up-Counter 16-TSSOP -55 to 125 CMOS Dual Binary Up-Counter 16-SO -55 to 125 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
AM29LV128LH103EI AM29LV128LH103FI AM29LV128LH103PC |
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 100ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 110ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 120ns 128 Megabit (8 M x 16-bit/16 M x 8-bit), 3.0 Volt-only uniform sector flash memory, 90ns
|
Advanced Micro Devices
|
AM29F200AB-90DWE1 AM29F200AT-90DWE AM29F200AT-90DW |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修1
|
Advanced Micro Devices, Inc.
|
M420000004 M420000006 M420000007 M42000000I M42000 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices]
|
AM42DL1612DT70IS AM42DL1622DB30IT DL164 DL163 |
Am29DL16xD 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc. http://
|
AM27C010 AM27C010-120 AM27C010-120DC5 AM27C010-120 |
1 Megabit (128 K x 8-Bit) CMOS EPROM 1兆位128亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 128K X 8 OTPROM, 45 ns, PQCC32 Octal Buffers And Line Drivers With 3-State Outputs 20-SOIC 0 to 70 128K X 8 OTPROM, 45 ns, PDIP32 1 Megabit (128 K x 8-Bit) CMOS EPROM 1兆位28亩8位)的CMOS存储 Octal Buffers And Line Drivers With 3-State Outputs 20-PDIP 0 to 70 Octal buffers and line drivers 20-PDIP 0 to 70 Quad bus transceivers 14-SOIC 0 to 70 Octal Buffers And Line Drivers With 3-State Outputs 20-SO 0 to 70 Octal buffers and line drivers 20-SO 0 to 70 1 megabit CMOS EPROM 1 Megabit (128 K x 8-Bit) CMOS EPROM
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AM29LV642DU90RPAI AM29LV642DU12RPAE AM29LV642DU12R |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control PC Board Fuse; Current Rating:400mA-10A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Fast Acting; Interrupting Current Max:50A; Packaging:Bulk 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29F200BT-55 AM29F200BB-45 AM29F200BB-120 AM29F20 |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
|
http:// AMD Advanced Micro Devices, Inc.
|