PART |
Description |
Maker |
NJU7392 |
2ch Pushbutton Interface EVR with eala Stereo Expander
|
New Japan Radio
|
IRFM150 2N7224 |
N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)(N娌?????MOS?烘?搴??(Vdss:100V,Id(cont):34A,Rds(on):0.070惟)) N-Channel Power MOSFET(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)(N沟道功率MOS场效应管(Vdss:100V,Id(cont):34A,Rds(on):0.070Ω)) N沟道功率MOSFET(减振钢板基本:100V的,身份证(续)4A条的Rds(on):0.070Ω)(不适用马鞍山沟道功率场效应管(减振钢板基本00V的,身份证(续)4A条的Rds(on.070Ω))
|
SEMELAB LTD Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Semelab(Magnatec) SEME-LAB[Seme LAB]
|
NJU26102 |
Eala / BBE ViVA / ViVA / ViVA2 / Mach3Bass / QFP32-R1
|
JRC
|
2CL73T |
High Voltage Fast Recovery Rectifier 12 kV Vol ts
|
Micro Commercial Compon...
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
MFK2807D/883 MFK2805S/883 MFK2805D/883 MFK2812D/88 |
MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ?25 Watt
|
Interpoint Corporation ...
|
IRFN340SMD |
N-Channel Power MOSFET(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω)(N沟道功率MOS场效应管(BVdss:400V,Id(cont):10A,Rds(on):0.55Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
AN5132 AN5130 AN5138NK |
V(cc): 13.8V; 1.1mW; color TV video IF amplifier, detector, AGC, AFC circuit Video IF Amplifier/ PLL Detector/ AGC/ AFC/ SIF IC for Color TV COLOR TV IF AMPLIFIER DETECTOR AGC/ AFC CIRCUITS COLOR TV IF AMPLIFIER DETECTOR AGC, AFC CIRCUITS
|
Panasonic Semiconductor ETC[ETC] List of Unclassifed Manufacturers
|
SP1 |
Guitar or/and Bass Preamplifier
|
rfsolutions.ltd
|
SM5852FS |
Digital Dynamic Bass Boost LSI
|
NPC[Nippon Precision Circuits Inc]
|
NJM2706 |
3D Surround Audio Processor with Dynamic Bass Boost
|
NJRC[New Japan Radio]
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|