PART |
Description |
Maker |
T495B106K025ATE750 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 25 V, 3528, SMD, MnO2, Molded, Low ESR, 750 mOhms, 2.1mm
|
Kemet Corporation
|
T495B106K020ATE1K0 |
Tantalum, MnO2 Tantalum, T495, 10 uF, 10%, 20 V, 3528, SMD, MnO2, Molded, Low ESR, 1 Ohms, Height Max = 2.1mm
|
Kemet Corporation
|
T491C106K025AH |
Tantalum, MnO2 Tantalum, T491, 10 uF, 10%, 25 V, 6032, SMD, MnO2, Molded, 1.5 Ohms, Height Max = 2.8mm
|
Kemet Corporation
|
TH3D106K035A0500 TH3D106K035A10R0 TH3D106K035B0500 |
Solid Tantalum Surface Mount Capacitors Tantamount㈢ Molded Case, High Temperature Solid Tantalum Surface Mount Capacitors Tantamount? Molded Case, High Temperature Solid Tantalum Surface Mount Capacitors Tantamount庐 Molded Case, High Temperature Solid Tantalum Surface Mount Capacitors Tantamount垄莽 Molded Case, High Temperature
|
Vishay Siliconix
|
T591B107M004ATE070 |
T591, Tantalum, Polymer Tantalum, 100 uF, 20%, 4 VDC, SMD, Polymer, Molded, Low ESR, 70 mOhms, 3528, Height Max = 2.1mm
|
Kemet Corporation
|
293D1051025B2 293D1551025B2 293D2251025B2 293D3351 |
Solid Tantalum Surface Mount Capacitors TANTAMOUNT? Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Capacitors TANTAMOUNT庐 Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Capacitors TANTAMOUNT垄莽 Molded Case, Standard Industrial Grade Solid Tantalum Surface Mount Capacitors TANTAMOUNT㈢ Molded Case, Standard Industrial Grade
|
http:// Vishay Siliconix
|
G61XS G61XS-000 G618S G619S G611S |
MULTI-ELEMENT LED LIGHT SOURCE T-1, (3-mm) Round, PCB Mount Direct View Array, G61XS Series Tantalum Molded Capacitor; Capacitance: 100uF; Voltage: 4V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 330uF; Voltage: 4V; Case Size: 6x3.2 mm; Packaging: Tape & Reel
|
List of Unclassifed Manufacturers Instrument Design Engineering Associates ETC[ETC] Electronic Theatre Controls, Inc.
|
T489D107M010ATE440 |
Tantalum, MnO2 Tantalum, T489, 100 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 440 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T489D227K010ATE500 |
Tantalum, MnO2 Tantalum, T489, 220 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Low Leakage, 500 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
T495C476K010ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 10 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
|
Kemet Corporation
|
T495C476K016ATE300 |
Tantalum, MnO2 Tantalum, T495, 47 uF, 10%, 16 V, 6032, SMD, MnO2, Molded, Low ESR, 300 mOhms, Height Max = 2.8mm
|
Kemet Corporation
|
T489D106M035ATE800 |
Tantalum, MnO2 Tantalum, T489, 10 uF, 20%, 35 V, 7343, SMD, MnO2, Molded, Low Leakage, 800 mOhms, Height Max = 3.1mm
|
Kemet Corporation
|
|