PART |
Description |
Maker |
X28LC513JI-25 X28LC512 X28LC512J-15 X28LC512J-20 X |
Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:16; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Chrome RoHS Compliant: Yes 3.3 Volt, Byte Alterable E2PROM 3.3 Volt/ Byte Alterable E2PROM
|
XICOR[Xicor Inc.]
|
R65C02P2 R65C02P4M R65C102P4M R65C02P1 R65C02P1E R |
MICROPROCESSORS(CPU) 微处理器(CPU)的 Twinaxial Cable; Impedance:150ohm; Conductor Size AWG:22; No. Strands x Strand Size:19 x 34; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Conductor Plating:Tin; Jacket Color:Black RoHS Compliant: Yes 微处理器(CPU)的
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufac...
|
ICS9112M-35 ICS9112M-36 |
Frequency Generator for Fibre Channel Systems CABLE, 9271, TWINAX, 153M; Cores, No. of:2; Conductor make-up:7/33AWG; Area, conductor CSA:0.163mm2; Diameter, External:6.1mm; Material, secondary insulation:PVC; Length, Reel (Imperial):500ft; Colour, secondary insulation:Blue; RoHS Compliant: Yes Multiconductor Cable; Conductor Size AWG:25; No. Strands x Strand Size:7 x 33; Jacket Material:Polyvinylchloride (PVC); Impedance:124ohm; Jacket Color:Blue; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes
|
Integrated Circuit Syst... Integrated Circuit Systems
|
M37210M4-562SP M37211M2-011SP M37211M2-534SP M3721 |
RESIS,4.7K,5%,1-8W,SMT1206 Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Purple; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:No RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:White/Black; Cable/Wire MIL SPEC:MIL-W-16878/1 Type B; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes RES 4.7K-OHM 5% 0.125W 200PPM THK-FILM SMD-1206 BULK DIODE SWITCHING SINGLE 75V 215mA-Io 250mW 3000ns-trr SOT-23 3K/REEL SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER 单芯位CMOS微机电压合成与屏幕显示控制器
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
RDED-9P RDED-9P4-40 RDED-9PE1_M2.6 RDED-9PLN RDED- |
RIGHT-ANGLE TYPE CONNECTORS Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Outer Diameter:0.177" RoHS Compliant: Yes 直角型连接器 Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:31pF/ft RoHS Compliant: Yes 直角型连接器 Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:20pF/ft; Conductor Material:Copper RoHS Compliant: Yes 直角型连接器 RIGHT-ANGLE TYPE CONNECTORS 直角型连接器 DIODE ZENER SINGLE 200mW 15Vz 5mA-Izt 0.0612 0.1uA-Ir 10.5 SOT-323 3K/REEL 直角型连接器 O/C EHC210 45 TO DB25 M, 3 Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes RS-232 CABLE, DCE DB25 FEMALE TO SMARTSERIAL-10F ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% RS-232 CABLE, DTE DB25 MALE TO SMART SERIAL 10FT Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:25pF/ft; Conductor Material:Copper RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:6; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper; Shielding Coverage:1% RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Approval Categories:UL Listed RoHS Compliant: Yes Belden Twisted Pair Riser Cable, Shielded, Wire Size: 22 AWG, Number of Pairs: 2, Length: 1000 feet, Conductor Material: Bare Copper Stranded, Shielding: Beldfoil, Jacket: PVC Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
MCP1701T-25021/TO MCP1701T-25021/MB MCP1701T-25021 |
5 V FIXED POSITIVE LDO REGULATOR, 0.63 V DROPOUT, PBCY3 Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft; Conductor Material:Copper RoHS Compliant: Yes 5015 RR 3#8 3#16 SKT RECP Multiconductor Security and Alarm Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes 2uA Low Dropoout Positive Voltage Refulator 五成低Dropoout正电压Refulator 5015 RR 2#8 2#16 PIN RECPT 五成低Dropoout正电压Refulator
|
Microchip Technology Inc. Microchip Technology, Inc.
|
HA4-5221_883 HA7-5221_883 5962-9163401M2A 5962-916 |
Low Noise, Wideband, Precision Operational Amplifier OP-AMP, 1500 uV OFFSET-MAX, 40 MHz BAND WIDTH, CDIP8 Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:27uF; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:17uF; Conductor Material:Copper RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
12IMR25-051515-2 12IMR40-051515-2 24IMR25-051515-2 |
25...40WattDC-DCConverters 1-OUTPUT 40 W DC-DC REG PWR SUPPLY MODULE Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Voltage Nom.:300V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:90 C; Voltage Nom.:600V RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Jacket Color:Natural RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FEP; Capacitance:16.3pF/ft; Conductor Material:Steel; Jacket Color:Natural; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Leaded Process Compatible:Yes RoHS Compliant: Yes 25...40 Watt DC-DC Converters
|
Power-One, Inc. POWER-ONE[Power-One]
|
CYWM6935 |
Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft; Conductor Material:Copper RoHS Compliant: Yes WirelessUSB LR Radio Module
|
Cypress Semiconductor Corp.
|
VB029SP 6060 VB029 VB029_011Y VB029_012Y VB029011Y |
Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Voltage Nom.:600V RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes From old datasheet system HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
T435-600B T435-600BTR T435-600H T435-600HTR T435-6 |
4A TRIACS 4A双向可控 Fuses, Medium blow cartridge type A双向可控 4A TRIACS A双向可控 High-Flex Thin DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:24-22; No. Strands x Strand Size:154 x 44, 105 x 44; Jacket Material:Thermoplastic Elastomer High-Flex Thick DeviceBus Paired Cable; Number of Conductors:4; Conductor Size AWG:18-15; No. Strands x Strand Size:65 x 33, 65 x 36; Jacket Material:Thermoplastic Elastomer New Generation Twisted Paired Multiconductor Audio Cable; Number of Conductors:6; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape CONNECTOR ACCESSORY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|