PART |
Description |
Maker |
WBC-WR-42-10-1-1-R WBC-WR-42-40-1-4-R WBC-WR-137-4 |
18000 MHz - 26500 MHz RF/MICROWAVE DIRECTIONAL COUPLER 5850 MHz - 8200 MHz RF/MICROWAVE DIRECTIONAL COUPLER 26500 MHz - 40000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 12400 MHz - 18000 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
RLC ELECTRONICS INC
|
JDC-20-3-75 |
Directional Coupler 75楼? 2 to 250 MHz Directional Coupler 75惟 2 to 250 MHz Directional Coupler 75Ω 2 to 250 MHz
|
Mini-Circuits
|
ADC-15-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50惟 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
ADC-15-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits http://
|
ADC-20-4 |
Directional Coupler 50楼? 5 to 1000 MHz Directional Coupler 50惟 5 to 1000 MHz Directional Coupler 50Ω 5 to 1000 MHz
|
Mini-Circuits
|
LRDC-10-1J |
Directional Coupler 50Ω 5 to 500 MHz Directional Coupler 50惟 5 to 500 MHz Directional Coupler 50ヘ 5 to 500 MHz
|
http:// Mini-Circuits
|
ADC-18-4-75 |
Directional Coupler 75楼? 20 to 1000 MHz Directional Coupler 75惟 20 to 1000 MHz Directional Coupler 75Ω 20 to 1000 MHz
|
Mini-Circuits
|
ADC-20-4-75 |
Directional Coupler 75楼? 5 to 1000 MHz Directional Coupler 75惟 5 to 1000 MHz Directional Coupler 75Ω 5 to 1000 MHz
|
Mini-Circuits
|
DC08-73 |
Directional Coupler 0.81-0.96 GHz Directional Coupler 0.81?.96 GHz Directional Coupler 0.81-0.96 GHz 定向耦合.81-0.96千兆
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
DC09-73 |
Directional Coupler 0.81-0.96 GHz 定向耦合.81-0.96千兆 Directional Coupler 0.81?.96 GHz
|
Alpha Industries, Inc. ALPHA[Alpha Industries] Alpha Industries Inc
|
LDC30B190J0950 LDC30B190J1960 LDC20B200H0888 |
940 MHz - 960 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.25 dB INSERTION LOSS-MAX 1930 MHz - 1990 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.3 dB INSERTION LOSS-MAX 872 MHz - 905 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX
|
MURATA MANUFACTURING CO LTD
|