PART |
Description |
Maker |
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-05 |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
P6DG-244R8E P6DG-0503E P6DG-0505E P6DG-0509E P6DG- |
1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔瓦稳压单输出DIP14 1KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 1KV交隔1瓦稳压单输出DIP14
|
PEAK[PEAK electronics GmbH]
|
NSD05-S10 NSD05-12S5 NSD05-12S3 NSD05-48S12 NSD05- |
5W DC-DC Regulated Single Output
|
Mean Well Enterprises Co., Ltd. Mean Well Enterprises Co., ...
|
SPB03C-05 SPB03C-12 SPB03A-05 SPB03A-12 SPB03A-15 |
3W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd. http://
|
IP4812SA IP4815S IP4803SA IP4805S IP4805SA |
Regulated Single & Dual Output
|
XP Power Limited
|
SCW08B-05 |
8W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
URF2415LP-20W URF2424LP-20W |
REGULATED SINGLE OUTPUT DC-DC CONVERTER
|
MORNSUN Science& Technology Ltd.
|
SPB03B-05 SPB03B-12 SPB03B-15 |
3W DC-DC Regulated Single Output Converter
|
Mean Well Enterprises Co., Ltd.
|
RV1-1224S10A1 RV1-1224D10A1 RV1-2403S10A1 RV1-2403 |
10 Watt regulated single & dual output
|
RSG Electronic Components GmbH RSG Electronic Componen...
|
P22TG-XXXXE41 |
1.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24
|
PEAK electronics
|
P22TG-XXXXE41M |
1.5 KV ISOLATED 5 W REGULATED SINGLE OUTPUT DIP24
|
PEAK electronics
|
RR7-2405S06AX RR7-2403D06AX RR7-2403S06AX RR7-2405 |
6 Watt 4:1 regulated single & dual output
|
RSG Electronic Componen...
|