PART |
Description |
Maker |
2SK3437 |
MOSFET 2SK/2SJ Series DC-DC Converter Relay Drive and Motor Drive Applications DC-DC Converter, Relay Drive and Motor Drive Applications
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation
|
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|
2SK3754 2SK375409 |
Relay Drive, DC?DC Converter
|
Toshiba Semiconductor
|
2SK3506 2SK350609 |
Relay Drive and DC-DC Converter Applications
|
Toshiba Semiconductor
|
2SD822 2SD882 2SD882P 2SD882Q |
TRANSISTOR | BJT | NPN | 30V V(BR)CEO | 3A I(C) | TO-126 晶体管|晶体管|叩| 30V的五(巴西)总裁| 3A条一(c)|26 Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset NPN(for the output stage of 3 watts audio amplifier/ voltage regulator/ DC-DC converter and relay driver) NPN SILICON POWER TRANSISTOR NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
|
NEC Corp. NEC[NEC]
|
RIF-1-RSC-LV-230AC |
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
RIF-1-RSC-LV-24AC |
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
|
PHOENIX CONTACT
|
2SJ380 |
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, RELAY DRIVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) P通道马鞍山型(高速,大电流开关,继电器驱动,DC - DC变换器和电机驱动应用 P CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ RELAY DRIVE/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
RIF-0-RPT-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
ES62UL256-45TC ES62UL256 ES62UL256-25SC ES62UL256- |
REED RELAY 32Kx8位超低功耗异步静态RAM Dry Reed Relay; Relay Terminals:Thru Hole 32Kx8位超低功耗异步静态RAM 32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
|
Electronic Theatre Controls, Inc. NanoAmp Solutions, Inc. ETC[ETC]
|
RIF-0-OSC-24DC |
Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
|
PHOENIX CONTACT
|
2SK312506 |
Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
|
Toshiba Semiconductor
|