PART |
Description |
Maker |
R5F61663 R5F61664 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
H8SX_1656C R5F61656C R5F61656CFTV R5F61657C R5F616 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
R5F61668RD50BGV R5F61664RD50BGV R5F61663RD50BGV R5 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
H8SX1653 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
H8SX1657 |
Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
|
Renesas Electronics Corporation
|
H8SX1520R H8SX1525R H8SX1527R |
32-Bit CISC Microcomputer H8SX Family H8SX/1500 Series
|
Renesas Electronics Corporation
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
KLNR8 KLNR5 KLNR6 KLNR4 KLNR70 KLNR50 KLNR90 KLNR6 |
Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V, 5MHz/2.2 to 5.5V; Operating Ambient Temperature Execution Time (ns): 50 (@20MHz); Operating Frequency / Supply Voltage: 20MHz/3.0 to 5.5V, 10MHz/2.7 to 5.5V; Operating Ambient Temperature (°C): -40 R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 32K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 24K; RAM: 1.5K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K 2K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 8K 2K; RAM: 512; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction R8C; R8C/2x Series; Microcontroller; Bit Size: 32/16-bit CISC; ROM: 16K; RAM: 1K; ROM Type: Flash memory; CPU: R8C core; Minimum Instruction General Purpose Fuses
|
Littelfuse, Inc.
|
UPD78062 UPD78062GCA-XXX-7EA UPD78062GC-XXX-7EA UP |
8-bit microcomputer 78K/0 incorporating LCD controller/driver 8-bit SC MC with on-chip 8-bit resolution D/A converter, UART 8-bit single-chip microcomputer
|
NEC
|
M306N0FGFP M306N0FGTFP M306N0MCT-XXXFP M16C/6N M30 |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single Chip 16 Bit CMOS Microcomputer M16C/6N Series Microcontrollers: For Controller Area Network Single chip 16-bit CMOS microcomputer
|
Mitsubishi Electric Semicon... Mitsubishi Electric Corporation
|